Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PJSD05CW Fiches technique (PDF) - Pan Jit International Inc.

PJSD05CW Datasheet PDF - Pan Jit International Inc.
No de pièce PJSD05CW
Télécharger  PJSD05CW Télécharger

Taille du fichier   85.53 Kbytes
Page   4 Pages
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Single Line TVS Diode for ESD Protection in Portable Electronics

PJSD05CW Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
PJSD05CW Datasheet PDF - Pan Jit International Inc.

No de pièce PJSD05CW
Télécharger  PJSD05CW Click to download

Taille du fichier   85.53 Kbytes
Page   4 Pages
Fabricant  PANJIT [Pan Jit International Inc.]
Site Internet  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description Single Line TVS Diode for ESD Protection in Portable Electronics

PJSD05CW Fiches technique (HTML) - Pan Jit International Inc.

PJSD05CW Datasheet HTML 1Page - Pan Jit International Inc. PJSD05CW Datasheet HTML 2Page - Pan Jit International Inc. PJSD05CW Datasheet HTML 3Page - Pan Jit International Inc. PJSD05CW Datasheet HTML 4Page - Pan Jit International Inc.

PJSD05CW Détails du produit

VOLTAGE 5 to 36 Volt POWER 350 Watt

FEATURES
• Transient protection for data lines to
   IEC 61000-4-2 (ESD) + 15kV (air),+ 8kV (contact)
   IEC 61000-4-5 (Lightning) 24A (8/20μs)
• Small package for use in portable electronics
• Suitable replacement for MLV’s in ESD protection applications
• Protects one I/O or power line
• Low clamping voltage
• Solid-state silicon avalanche technolngy
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)

MECHANICAL DATA
• Case : SOD-323, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.00014 ounces, 0.0041 grams




Numéro de pièce similaire - PJSD05CW

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05CW-AU_R1_000A1 PANJIT-PJSD05CW-AU_R1_000A1 Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05CW-AU_R2_000A1 PANJIT-PJSD05CW-AU_R2_000A1 Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
More results


Description similaire - PJSD05CW

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com