Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL12026AIVZ Fiches technique (PDF) - Intersil Corporation

ISL12026AIVZ Datasheet PDF - Intersil Corporation
No de pièce ISL12026AIVZ
Télécharger  ISL12026AIVZ Télécharger

Taille du fichier   560.76 Kbytes
Page   24 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock/Calendar with I2C Bus??and EEPROM

ISL12026AIVZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ISL12026AIVZ Datasheet PDF - Intersil Corporation

No de pièce ISL12026AIVZ
Télécharger  ISL12026AIVZ Click to download

Taille du fichier   560.76 Kbytes
Page   24 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Real Time Clock/Calendar with I2C Bus??and EEPROM

ISL12026AIVZ Fiches technique (HTML) - Intersil Corporation

Back Button ISL12026AIVZ Datasheet HTML 1Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 2Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 3Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 4Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 5Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 6Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 7Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 8Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 9Page - Intersil Corporation ISL12026AIVZ Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL12026AIVZ Détails du produit

The ISL12026 and the ISL12026A devices are micro power real time clocks with timing and crystal compensation, clock/calender, power-fail indicator, two periodic or polled alarms, intelligent battery backup switching, and integrated 512x8-bit EEPROM configured in 16 Bytes per page.
The oscillator uses an external, low-cost 32.768kHz crystal. The real time clock tracks time with separate registers for hours, minutes, and seconds. The device has calendar registers for date, month, year and day of the week. The calendar is accurate through 2099, with automatic leap year correction.

Features
• Real Time Clock/Calendar
   - Tracks Time in Hours, Minutes and Seconds
   - Day of the Week, Day, Month and Year
   - 3 Selectable Frequency Outputs
• Two Non-Volatile Alarms
   - Settable on the Second, Minute, Hour, Day of the Week,
      Day or Month
   - Repeat Mode (Periodic Interrupts)
• Automatic Backup to Battery or SuperCap
• On-Chip Oscillator Compensation
   - Internal Feedback Resistor and Compensation
      Capacitors
   - 64 Position Digitally Controlled Trim Capacitor
   - 6 Digital Frequency Adjustment Settings to ±30ppm
• 512x8 Bits of EEPROM
   - 16-Byte Page Write Mode (32 total pages)
   - 8 Modes of BlockLock™ Protection
   - Single Byte Write Capability
• High Reliability
   - Data Retention: 50 years
   - Endurance: >2,000,000 Cycles Per Byte
• I2C Interface
   - 400kHz Data Transfer Rate
• 800nA Battery Supply Current
• Package Options
   - 8 Ld SOIC and 8 Ld TSSOP Packages
• Pb-Free (RoHS Compliant)

Applications
• Utility Meters
• HVAC Equipment
• Audio/Video Components
• Set-Top Box/Television
• Modems
• Network Routers, Hubs, Switches, Bridges
• Cellular Infrastructure Equipment
• Fixed Broadband Wireless Equipment
• Pagers/PDA
• POS Equipment
• Test Meters/Fixtures
• Office Automation (Copiers, Fax)
• Home Appliances
• Computer Products
• Other Industrial/Medical/Automotive




Numéro de pièce similaire - ISL12026AIVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12026AIVZ INTERSIL-ISL12026AIVZ Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026AIVZ RENESAS-ISL12026AIVZ Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
More results


Description similaire - ISL12026AIVZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL12025 INTERSIL-ISL12025 Datasheet
423Kb / 27P
   Real-Time Clock/Calendar with I2C Bus and EEPROM
ISL12029_1012 INTERSIL-ISL12029_1012 Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12026 INTERSIL-ISL12026_08 Datasheet
389Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12028 RENESAS-ISL12028 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028_10 Datasheet
584Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12028_1011 INTERSIL-ISL12028_1011 Datasheet
586Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12026 RENESAS-ISL12026 Datasheet
1,002Kb / 24P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Intersil Corporation
ISL12029 INTERSIL-ISL12029_10 Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12025 RENESAS-ISL12025 Datasheet
1Mb / 28P
   Real-Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029 RENESAS-ISL12029 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com