Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0850030141
|
86Kb / 3P |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-Break Pins, 64 Circuits, Lead free
|
0850031457
|
86Kb / 3P |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-Break 6 Pins, 64 Circuits, Lead free
|
0850030658
|
88Kb / 3P |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), First-Mate-Last-Break Pins, 96 Circuits, Lead free
|
0850030127
|
159Kb / 4P |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 64 Circuits
|
0850030153
|
84Kb / 3P |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 64 Circuits
|
0850032529
|
88Kb / 3P |
2.54mm (.100) Pitch DIN 41612 Header, Style C, Right Angle , Through Hole ,1關m (40關) Selective Gold (Au) , 96 Circuits, First-Mate-Last-Break Pins Available, Lead free
|
0850010036
|
115Kb / 4P |
2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
|
0850010385
|
116Kb / 4P |
2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
|
0850033093
|
85Kb / 3P |
2.54mm (.100) Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 1關m (40關) Selective Gold (Au), 48 Circuits, First-Mate-Last-Break Pins Available, Lead free
|
0850031548
|
205Kb / 4P |
2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 96 Circuits
|