Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0876323013
|
294Kb / 5P |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 42 Circuits
|
0876323019
|
298Kb / 5P |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 20 Circuits
|
0876323011
|
294Kb / 5P |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??P-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 18 Circuits
|
0876323001
|
294Kb / 5P |
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus?줡-S-P Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 30 Circuits
|
0876870001
|
196Kb / 4P |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??DPS P-S-P Receptacle, Through Hole, Vertical, with Beveled Metal Pins, 26 Circuits
|
0876682004
|
203Kb / 4P |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??SPb Receptacle, Through Hole, Right Angle, Beveled Metal Pins
|
0876071001
|
178Kb / 4P |
6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??(SSI) DPS Receptacle, Through Hole, Right Angle, with Beveled Metal Pins
|
0878083001
|
204Kb / 4P |
5.08mm (.200) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-P(B) Receptacle, Through Hole, Right Angle, Beveled Metal Pins
|
0877003005
|
232Kb / 5P |
6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??Pa-S Receptacle, Through Hole, with Beveled Metal Pins, Right Angle, Signal 16, PowerAlpha 4, 20 Circuits, Leadfree
|
0876675004
|
302Kb / 5P |
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-PbHeader, Through Hole, Right Angle, with Beveled Metal Pins, Long Blade, 34 Circuits,
|
|