Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0876362002
|
263Kb / 6P |
1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Beige Latch, Single Key, with Beveled Metal Pins, 2.5V Left Voltage Key, 3.23mm (.127) Tail Length
|
0876363012
|
263Kb / 6P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Beige Latch, Single Key, with Beveled Metal Pins
|
0876362102
|
263Kb / 6P |
1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Black Latch, Single Key, with Beveled Metal Pins, 2.5V Left Voltage Key, 3.23mm (.127) Tail Length
|
0480062111
|
237Kb / 3P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Blue Housing, Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key
|
0480061102
|
237Kb / 3P |
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Brass Latch, Black Housing,Phosphor Bronze Terminals, Single Key, with Beveled Metal Pins,2.5V Voltage Key, 2.79mm(.110") Tail Length
|
0876232012
|
303Kb / 6P |
1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
|
0876232001
|
303Kb / 6P |
1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
|
0876232111
|
303Kb / 6P |
1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
|
0876232011
|
303Kb / 6P |
1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
|
0876232115
|
302Kb / 6P |
1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.18mm (.125) Tail Length
|