Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0353400210
|
279Kb / 3P |
FSM Bulb Connector Header
|
0353410210
|
234Kb / 3P |
STS Bulb Socket Assembly
|
495051215
|
105Kb / 1P |
SEALED W162 BULB SOCKET 2P (SOCKET LENGTH-32.0MM)
2006/04/15 |
0355330200
|
143Kb / 2P |
Bulb Socket Single Housing, Type A
|
0354398000
|
131Kb / 3P |
2.0mm (.079") Bulb-Socket Earth Terminal
|
0495051215
|
142Kb / 2P |
Bulb Socket, Sealed, For W16W, 32.00mm Socket Length, 2 Circuits
|
0495050215
|
128Kb / 2P |
Bulb Socket, Sealed, For W16W, 35.50mm Socket Length, 2 Circuits
|
0495050205
|
120Kb / 2P |
Bulb Socket, Unsealed, For W16W, 35.50mm Socket Length, 2 Circuits
|
0495051205
|
130Kb / 2P |
Bulb Socket, Unsealed, For W16W, 32.00mm Socket Length, 2 Circuits
|
63819-5100
|
38Kb / 1P |
Hand Crimp Tool for Bulb Socket Terminals
|