Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0014564020
|
151Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 24, 0.76關m (30關") Gold (Au), 2 Circuits
|
0014564022
|
171Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 26, 0.76關m (30關") Gold (Au), 2 Circuits
|
0014564023
|
169Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 26, 0.76關m (30關") Gold (Au), 2 Circuits
|
0014564024
|
169Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 28, 0.76關m (30關") Gold (Au), 2 Circuits
|
0014564025
|
168Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version D, Back Ribs, Wire Size 28, 0.76關m (30關") Gold (Au), 2 Circuits
|