Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0014600192
|
174Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 24, 3.81關m (150關") Tin/Lead (SnPb)
|
0014600193
|
162Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 26, 3.81關m (150關") Tin/Lead (SnPb), 19 Circuits
|
0014600194
|
176Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 26, 3.81關m (150關") Tin/Lead (SnPb)
|
0014600195
|
162Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 28, 3.81關m (150關") Tin/Lead (SnPb)
|
0014600196
|
176Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 28, 3.81關m (150關") Tin/Lead (SnPb)
|