Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0014567081
|
170Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 22, 3.81關m (150關") Tin/Lead (SnPb)
|
0014567082
|
174Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version G, Positive Lock, Wire Size 22, 3.81關m (150關") Tin/Lead (SnPb), 8 Circuits
|
0014567084
|
160Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version A, Nonpolarized, Wire Size 22, 0.38關m (15關") Gold (Au), 8 Circuits
|
0014567085
|
172Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version C, Front Ribs, Wire Size 22, 0.38關m (15關") Gold (Au), 8 Circuits
|
0014567086
|
171Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 22, 0.38關m (15關") Gold (Au), 8 Circuits
|