Fabricant | No de pièce | Fiches technique | Description |
Molex Electronics Ltd. |
0014567240
|
173Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 3.81關m (150關") Tin/Lead (SnPb)
|
0014567241
|
170Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version D, Back Ribs, Wire Size 22, 3.81關m (150關") Tin/Lead (SnPb)
|
0014567242
|
174Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version G, Positive Lock, Wire Size 22, 3.81關m (150關") Tin/Lead (SnPb)
|
0014567244
|
160Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female,Single Row, Version A, Nonpolarized, Wire Size 22, 0.38關m (15關") Gold (Au), 24 Circuits
|
0014567245
|
172Kb / 3P |
2.54mm (.100") Pitch SL??Insulation Displacement Connector Assembly, Female, Single Row, Version C, Front Ribs, Wire Size 22, 0.38關m (15關") Gold (Au), 24 Circuits
|