Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBU8A Fiches technique (PDF) - Gulf Semiconductor

GBU8A Datasheet PDF - Gulf Semiconductor
No de pièce GBU8A
Télécharger  GBU8A Télécharger

Taille du fichier   162.93 Kbytes
Page   2 Pages
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A

GBU8A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
GBU8A Datasheet PDF - Gulf Semiconductor

No de pièce GBU8A
Télécharger  GBU8A Click to download

Taille du fichier   162.93 Kbytes
Page   2 Pages
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A

GBU8A Fiches technique (HTML) - Gulf Semiconductor

GBU8A Datasheet HTML 1Page - Gulf Semiconductor GBU8A Datasheet HTML 2Page - Gulf Semiconductor

GBU8A Détails du produit

Voltage: 50 to 1000V Current: 8.0A

Features
   Ideal for printed circuit board
   Glass passivated chip junction
   High case dielectric strength
   High surge overload rating
   This series is UL listed under Recognized Component Index,
      file number E185029




Numéro de pièce similaire - GBU8A

FabricantNo de pièceFiches techniqueDescription
logo
Pan Jit International I...
GBU8A PANJIT-GBU8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE 50 to 800 Volts CURRENT - 8.0 Amperes)
logo
Diotec Semiconductor
GBU8A DIOTEC-GBU8A Datasheet
114Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
GBU8A PANJIT-GBU8A Datasheet
50Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shunye Enterprise
GBU8A SHUNYE-GBU8A Datasheet
157Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
GBU8A PFS-GBU8A Datasheet
201Kb / 2P
   8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results


Description similaire - GBU8A

FabricantNo de pièceFiches techniqueDescription
logo
Gulf Semiconductor
GSIB805 GULFSEMI-GSIB805 Datasheet
148Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
G8XB05 GULFSEMI-G8XB05 Datasheet
121Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 8.0A
KBPC8005 GULFSEMI-KBPC8005 Datasheet
2Mb / 2P
   SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 8.0A
G10XB05 GULFSEMI-G10XB05 Datasheet
127Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
G6XB05 GULFSEMI-G6XB05 Datasheet
139Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB6A05 GULFSEMI-GSIB6A05 Datasheet
137Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
UG6KB05 GULFSEMI-UG6KB05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
GSIB10A05 GULFSEMI-GSIB10A05 Datasheet
151Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 10.0A
GSIB2505 GULFSEMI-GSIB2505 Datasheet
143Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 25.0A
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com