Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5391G Fiches technique (PDF) - Gulf Semiconductor

1N5391G Datasheet PDF - Gulf Semiconductor
No de pièce 1N5391G
Télécharger  1N5391G Télécharger

Taille du fichier   76.54 Kbytes
Page   2 Pages
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GENERAL PURPOSE GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A

1N5391G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1N5391G Datasheet PDF - Gulf Semiconductor

No de pièce 1N5391G
Télécharger  1N5391G Click to download

Taille du fichier   76.54 Kbytes
Page   2 Pages
Fabricant  GULFSEMI [Gulf Semiconductor]
Site Internet  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor
Description GENERAL PURPOSE GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A

1N5391G Fiches technique (HTML) - Gulf Semiconductor

1N5391G Datasheet HTML 1Page - Gulf Semiconductor 1N5391G Datasheet HTML 2Page - Gulf Semiconductor

1N5391G Détails du produit

VOLTAGE:50 TO 1000V
CURRENT: 1.5A

FEATURE
   Molded case feature for auto insertion
   Glass Passivated junction
   High current capability
   Low leakage current
   High surge capability
   High temperature soldering guaranteed
   250°C/10sec/0.375”lead length at 5 lbs tension




Numéro de pièce similaire - 1N5391G

FabricantNo de pièceFiches techniqueDescription
logo
Zibo Seno Electronic En...
1N5391G ZSELEC-1N5391G Datasheet
132Kb / 2P
   1.5A GLASS PASSIV ATED RECTIFIER
logo
Shanghai Lunsure Electr...
1N5391G CHENYI-1N5391G Datasheet
177Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5391G MIC-1N5391G Datasheet
47Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Taiwan Semiconductor Co...
1N5391G TSC-1N5391G Datasheet
199Kb / 4P
   Glass Passivated Rectifiers
logo
Yangzhou yangjie electr...
1N5391G YANGJIE-1N5391G Datasheet
208Kb / 4P
   General Purpose Rectifier
More results


Description similaire - 1N5391G

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
RL151G LRC-RL151G_11 Datasheet
176Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
logo
Gulf Semiconductor
RU2AG GULFSEMI-RU2AG Datasheet
107Kb / 2P
   FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
GPP1A GULFSEMI-GPP1A Datasheet
84Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
GP15A GULFSEMI-GP15A Datasheet
151Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391GP GULFSEMI-1N5391GP Datasheet
155Kb / 2P
   SINTERED GLASS JUNCTION PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
RGPP15A GULFSEMI-RGPP15A Datasheet
81Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
1N5391 GULFSEMI-1N5391 Datasheet
93Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE: 50 to 1000V CURRENT: 1.5A
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Leshan Radio Company
RL201G LRC-RL201G Datasheet
171Kb / 7P
   Glass Passivated Junction General Purpose Rectifiers Reverse Voltage 50 to 1000V
logo
Gulf Semiconductor
KBP005M GULFSEMI-KBP005M Datasheet
110Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:1.5A
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com