Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ZXT13P12DE6 Fiches technique (PDF) - Zetex Semiconductors

ZXT13P12DE6 Datasheet PDF - Zetex Semiconductors
No de pièce ZXT13P12DE6
Télécharger  ZXT13P12DE6 Télécharger

Taille du fichier   413.52 Kbytes
Page   6 Pages
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13P12DE6 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ZXT13P12DE6 Datasheet PDF - Zetex Semiconductors

No de pièce ZXT13P12DE6
Télécharger  ZXT13P12DE6 Click to download

Taille du fichier   413.52 Kbytes
Page   6 Pages
Fabricant  ZETEX [Zetex Semiconductors]
Site Internet  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors
Description 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR

ZXT13P12DE6 Fiches technique (HTML) - Zetex Semiconductors

ZXT13P12DE6 Datasheet HTML 1Page - Zetex Semiconductors ZXT13P12DE6 Datasheet HTML 2Page - Zetex Semiconductors ZXT13P12DE6 Datasheet HTML 3Page - Zetex Semiconductors ZXT13P12DE6 Datasheet HTML 4Page - Zetex Semiconductors ZXT13P12DE6 Datasheet HTML 5Page - Zetex Semiconductors ZXT13P12DE6 Datasheet HTML 6Page - Zetex Semiconductors

ZXT13P12DE6 Détails du produit

SUMMARY
VCEO=-12V; RSAT = 37m ; IC= -4A

DESCRIPTION
This new 4th generation ultra low saturation transistor utilises the Zetex matrix structure combined with advanced assembly techniques to give extremely low on state losses. This makes it ideal for high efficiency, low voltage switching applications.

FEATURES
• Extremely Low Equivalent On Resistance
• Extremely Low Saturation Voltage
• hFE characterised up to 15A
• IC=4A Continuous Collector Current
• SOT23-6 package

APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Power switches
• Motor control




Numéro de pièce similaire - ZXT13P12DE6

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6TA DIODES-ZXT13P12DE6TA Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6TA DIODES-ZXT13P12DE6TA Datasheet
385Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6TC DIODES-ZXT13P12DE6TC Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 DIODES-ZXT13P12DE6_15 Datasheet
385Kb / 7P
   PNP LOW SATURATION SWITCHING TRANSISTOR
More results


Description similaire - ZXT13P12DE6

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT10P12DE6 DIODES-ZXT10P12DE6 Datasheet
245Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT12P12DX DIODES-ZXT12P12DX Datasheet
269Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT12P12DX ZETEX-ZXT12P12DX Datasheet
258Kb / 6P
   DUAL 12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com