Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LS20BB-1PG Fiches technique (PDF) - CITIZEN ELECTRONICS CO., LTD.

LS20BB-1PG Datasheet PDF - CITIZEN ELECTRONICS CO., LTD.
No de pièce LS20BB-1PG
Télécharger  LS20BB-1PG Télécharger

Taille du fichier   482.46 Kbytes
Page   2 Pages
Fabricant  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Site Internet  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.
Description Illuminated Type

LS20BB-1PG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LS20BB-1PG Datasheet PDF - CITIZEN ELECTRONICS CO., LTD.

No de pièce LS20BB-1PG
Télécharger  LS20BB-1PG Click to download

Taille du fichier   482.46 Kbytes
Page   2 Pages
Fabricant  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Site Internet  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.
Description Illuminated Type

LS20BB-1PG Fiches technique (HTML) - CITIZEN ELECTRONICS CO., LTD.

LS20BB-1PG Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS20BB-1PG Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.

LS20BB-1PG Détails du produit

Features

1.A  superb  surface-mountable illuminated switch integrated with one or two LEDs into an ultra-compact package.

2.One-color or two-color types are available. The  color  of  illumination  can  be  a combination of four: red, orange, yellow and green. A non-illuminated type is also available upon request.

3.The  number  of  parts  and  time  for mounting are also reduced, resulting in lower production costs.




Numéro de pièce similaire - LS20BB-1PG

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LS20 ETC2-LS20 Datasheet
214Kb / 2P
   Surface Mountable Illuminated Switch
logo
TDK Electronics
LS200 TDK-LS200 Datasheet
793Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-12 TDK-LS200-12 Datasheet
793Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-12 TDK-LS200-12 Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
LS200-12L TDK-LS200-12L Datasheet
271Kb / 2P
   Single Output 150 - 200W General Purpose Power Supplies
More results


Description similaire - LS20BB-1PG

FabricantNo de pièceFiches techniqueDescription
logo
CITIZEN ELECTRONICS CO....
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
   Illuminated Type
LS9 CITIZEN-LS9 Datasheet
474Kb / 2P
   Illuminated Type
LS45 CITIZEN-LS45 Datasheet
477Kb / 2P
   Illuminated Type
LS6 CITIZEN-LS6 Datasheet
490Kb / 1P
   Illuminated Type
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
   Non-Illuminated Type
logo
CITIZEN ELECTRONICS CO....
LS10 CITIZEN-LS10 Datasheet
221Kb / 2P
   Non-illuminated/Horizontal Type
LS12 CITIZEN-LS12 Datasheet
188Kb / 2P
   Non-illuminated/Horizontal Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
   Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
   Non-illuminated/Vertical Type
LS10 CITIZEN-LS10_1 Datasheet
476Kb / 2P
   Non-illuminated/Horizontal Type
More results




À propos de CITIZEN ELECTRONICS CO., LTD.


CITIZEN ELECTRONICS CO., LTD. is a Japanese company that specializes in the development, manufacturing, and sales of electronic components and devices. The company was founded in 1970 and is headquartered in Tokyo, Japan.

CITIZEN ELECTRONICS' product portfolio includes a wide range of electronic components, such as LEDs, photodiodes, photo couplers, and crystal units. These products are used in various applications, including lighting, automotive, consumer electronics, industrial equipment, and medical devices.

One of CITIZEN ELECTRONICS' key areas of expertise is in the development and manufacturing of high-quality LEDs. The company produces a wide range of LED products, including through-hole LEDs, surface-mount LEDs, and chip LEDs, in various colors and sizes. CITIZEN ELECTRONICS' LEDs are known for their high brightness, long lifespan, and energy efficiency.

The company also places a strong emphasis on sustainability and environmental responsibility, and has developed a range of eco-friendly LED products that are free from harmful substances such as mercury and lead.

Overall, CITIZEN ELECTRONICS is a well-established player in the electronic components industry, with a reputation for producing high-quality products that meet the needs of a wide range of customers.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com