●Description
BD5471MUV is a low voltage drive class-D stereo speaker amplifier that was developed for note-book PC, cellular phone, mobile audio products and the others. LCfilters of speaker outputs are unnecessary, and only 7 external components are needed for speaker system. Also, 3.3V regulator in BD5471MUV can use power supply for audio-codec. BD5471MUV, that is high-efficiency, low consumption, is suitable for application by using battery. Shutdown current is 0µA typically. Also,
start-up time is fast from shutdown to active mode. BD5471MUV can use for some applications that change mode between “shutdown state” and “active state”.
●Features
1) High power 2.3W typ. (VDD=5V, RL=4Ω, THD+N=10%, stereo input)
High power 1.5W typ. (VDD=5V, RL=8Ω, THD+N=10%, stereo input)
2) Gain selectable by the external control (6, 12, 18, 24dB)
3) Pop noise suppression circuitry
4) Standby function (Mute function) [ISD=0uA]
5) Protection circuitry (Shortprotection [Audio, REG], Thermal shutdown, Under voltage lockout)
6) Built-in 3.3V regulator
7) Built-in BEEP detect circuitry
8) Very small package VQFN024V4040
●Applications
Notebook computers,Mobile electronicapplications,Mobile phones,PDA etc.
|