Fabricant | No de pièce | Fiches technique | Description |
Dubilier |
DBCTB28-2
|
420Kb / 1P |
TERMINAL BLOCKS 5mm PITCH PLUG IN
|
DBCTB65-2
|
100Kb / 1P |
TERMINAL BLOCKS 3.5mm PITCH PLUG IN
|
DBCTB60-2
|
98Kb / 1P |
TERMINAL BLOCKS 3.81mm PITCH PLUG IN
|
DBCTB49-2
|
130Kb / 1P |
TERMINAL BLOCKS 7.5mm PITCH PLUG IN
|
DBCTB47-2
|
79Kb / 1P |
TERMINAL BLOCKS 10mm PITCH PLUG IN VERTICAL OR HORIZONTAL
|
DBCTB26-12
|
122Kb / 1P |
TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
|
DBCTB30-24
|
122Kb / 1P |
TERMINAL BLOCKS PLUG - IN 5mm VERTICAL OR HORIZONTAL
|
DBCTB13-2
|
123Kb / 1P |
TERMINAL BLOCKS 5.08mm PITCH VERTICAL MOUNT
|
DBCTB85-2
|
88Kb / 1P |
TERMINAL BLOCKS 5.08mm PITCH 90 MOUNT
|
WAGO Kontakttechnik Gmb... |
2002-401
|
59Kb / 3P |
Disconnect plug for carrier terminal blocks
24.11.2021 |