Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SKY65053-377LF Fiches technique (PDF) - Skyworks Solutions Inc.

SKY65053-377LF Datasheet PDF - Skyworks Solutions Inc.
No de pièce SKY65053-377LF
Télécharger  SKY65053-377LF Télécharger

Taille du fichier   859.52 Kbytes
Page   12 Pages
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.45-6.0 GHz Low Noise Transistor

SKY65053-377LF Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SKY65053-377LF Datasheet PDF - Skyworks Solutions Inc.

No de pièce SKY65053-377LF
Télécharger  SKY65053-377LF Click to download

Taille du fichier   859.52 Kbytes
Page   12 Pages
Fabricant  SKYWORKS [Skyworks Solutions Inc.]
Site Internet  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.45-6.0 GHz Low Noise Transistor

SKY65053-377LF Fiches technique (HTML) - Skyworks Solutions Inc.

Back Button SKY65053-377LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65053-377LF Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 

SKY65053-377LF Détails du produit

Description
The SKY65053-377LF is a high performance, n-channel lownoise transistor. The device is fabricated from Skyworks advanced depletion mode pHEMT process and is provided in a 2 x 2 mm, 4-pin Quad Flat No-Lead (QFN) package.
The transistor’s low Noise Figure (NF), high gain, and excellent 3rd Order Intercept Point (IP3) allow the device to be used in various receiver and transmitter applications.

Features
• Externally matched for wideband operation
• Noise Figure = 0.6 dB @ 2.4 GHz of device only
• Noise Figure = 0.8 dB @ 2.4 GHz including matching network
   loss
• Gain = 16.5 dB @ 2.4 GHz, 5 V, 55 mA
• OIP3 = +33.5 dBm @ 2.4 GHz, 5 V, 55 mA
• OP1dB = +15.5 dBm @ 2.4 GHz, 5 V, 55 mA
• Adjustable supply current, 15 to 100 mA
• Unconditionally stable to 18 GHz with reference design circuit
• Small, QFN (4-pin, 2 x 2 mm) Pb-free package (MSL3, 260 °C
   per JEDEC J-STD-020)

Applications
• Wireless infrastructure: WLAN, WiMAX, broadband, cellular base
   stations
• Test instrumentation
• LNA for GPS receivers
• Satellite receivers




Numéro de pièce similaire - SKY65053-377LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY65050-372LF SKYWORKS-SKY65050-372LF Datasheet
160Kb / 12P
   0.45-6.0 GHz Low Noise Transistor
SKY65051-377LF SKYWORKS-SKY65051-377LF Datasheet
160Kb / 10P
   0.45-6.0 GHz Low Noise Transistor
SKY65052-372LF SKYWORKS-SKY65052-372LF Datasheet
668Kb / 9P
   0.45-6.0 GHz Low Noise Transistor
More results


Description similaire - SKY65053-377LF

FabricantNo de pièceFiches techniqueDescription
logo
Skyworks Solutions Inc.
SKY65052-372LF SKYWORKS-SKY65052-372LF Datasheet
668Kb / 9P
   0.45-6.0 GHz Low Noise Transistor
SKY65051-377LF SKYWORKS-SKY65051-377LF Datasheet
160Kb / 10P
   0.45-6.0 GHz Low Noise Transistor
SKY65050-372LF SKYWORKS-SKY65050-372LF Datasheet
160Kb / 12P
   0.45-6.0 GHz Low Noise Transistor
SKY65038-70LF SKYWORKS-SKY65038-70LF Datasheet
239Kb / 14P
   0.25-6.0 GHz Low Noise Amplifier
logo
Qorvo, Inc
QPL9058 QORVO-QPL9058 Datasheet
1Mb / 13P
   0.5 ??6.0 GHz Ultra Low-Noise LNA
18, 2020
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G Datasheet
236Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
HMC320MS8G HITTITE-HMC320MS8G_07 Datasheet
261Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5.0 - 6.0 GHz
logo
Mimix Broadband
CMM1200-BD MIMIX-CMM1200-BD_07 Datasheet
452Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200 MIMIX-CMM1200 Datasheet
457Kb / 5P
   2.0-6.0 GHz GaAs MMIC Low Noise Amplifier
CMM1200-BD MIMIX-CMM1200-BD Datasheet
1,016Kb / 6P
   2.0 to 6.0 GHz GaAs MMIC Low-Noise Amplifer
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com