Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MIE-184A4 Fiches technique (PDF) - Unity Opto Technology

MIE-184A4 Datasheet PDF - Unity Opto Technology
No de pièce MIE-184A4
Télécharger  MIE-184A4 Télécharger

Taille du fichier   32.25 Kbytes
Page   2 Pages
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE

MIE-184A4 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MIE-184A4 Datasheet PDF - Unity Opto Technology

No de pièce MIE-184A4
Télécharger  MIE-184A4 Click to download

Taille du fichier   32.25 Kbytes
Page   2 Pages
Fabricant  UOT [Unity Opto Technology]
Site Internet  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology
Description GaAlAs/GaAs 1.8mm PACKAGE INFRARED EMITTING DIODE

MIE-184A4 Fiches technique (HTML) - Unity Opto Technology

MIE-184A4 Datasheet HTML 1Page - Unity Opto Technology MIE-184A4 Datasheet HTML 2Page - Unity Opto Technology

MIE-184A4 Détails du produit

Description
The MIE-184A4 is a high power infrared eimtting diode in GaAs technology with AlGaAs window coating molded in water clear plastic package.

Features
• High radiant power and high radiant intensity
• Suitable for DC and high pulse current operation
• Special 1.8mm package, radiation angle: 35°
• Peak wavelength λp = 940 nm
• Good spectral matching to Si-Photodetector

Application
• Data communication
• SIR




Numéro de pièce similaire - MIE-184A4

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
   GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
More results


Description similaire - MIE-184A4

FabricantNo de pièceFiches techniqueDescription
logo
Unity Opto Technology
MIE-184H4 UOT-MIE-184H4 Datasheet
32Kb / 2P
   GaAlAs 1.8mm PACKAGE INFRARED EMITTING DIODE
logo
TEMIC Semiconductors
TSSP4400 TEMIC-TSSP4400 Datasheet
108Kb / 5P
   GaAs/GaAlAs Infrared Emitting Diode in Sideview Package
logo
Vishay Siliconix
TSML3710 VISHAY-TSML3710 Datasheet
246Kb / 8P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 06-Jun-03
TSML3700 VISHAY-TSML3700 Datasheet
55Kb / 6P
   GaAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 3, 20-May-99
TSMF3700 VISHAY-TSMF3700 Datasheet
126Kb / 6P
   GaAlAs/GaAlAs Infrared Emitting Diode in SMT Package
Rev. 1.4, 08-Mar-05
logo
Unity Opto Technology
MIE-114A1 UOT-MIE-114A1 Datasheet
29Kb / 2P
   GaAlAs/GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
Panasonic Semiconductor
LNA2606L PANASONIC-LNA2606L Datasheet
21Kb / 1P
   GaAlAs on GaAs Infrared Light Emitting Diode
LNA2801L PANASONIC-LNA2801L Datasheet
40Kb / 2P
   GaAlAs on GaAs Infrared Light Emitting Diode
logo
Unity Opto Technology
MIE-324L3 UOT-MIE-324L3 Datasheet
32Kb / 2P
   GaAlAs T-1 PACKAGE INFRARED EMITTING DIODE
logo
KODENSHI_AUK CORP.
KLB-16AI-88 KODENSHI-KLB-16AI-88 Datasheet
159Kb / 2P
   Infrared Emitting Diode(GaAlAs)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com