Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

73M1903C Fiches technique (PDF) - Teridian Semiconductor Corporation

73M1903C Datasheet PDF - Teridian Semiconductor Corporation
No de pièce 73M1903C
Télécharger  73M1903C Télécharger

Taille du fichier   459.46 Kbytes
Page   46 Pages
Fabricant  TERIDIAN [Teridian Semiconductor Corporation]
Site Internet  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Modem Analog Front End

73M1903C Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
73M1903C Datasheet PDF - Teridian Semiconductor Corporation

No de pièce 73M1903C
Télécharger  73M1903C Click to download

Taille du fichier   459.46 Kbytes
Page   46 Pages
Fabricant  TERIDIAN [Teridian Semiconductor Corporation]
Site Internet  http://www.teridian.com
Logo TERIDIAN - Teridian Semiconductor Corporation
Description Modem Analog Front End

73M1903C Fiches technique (HTML) - Teridian Semiconductor Corporation

Back Button 73M1903C Datasheet HTML 1Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 2Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 3Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 4Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 5Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 6Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 7Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 8Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 9Page - Teridian Semiconductor Corporation 73M1903C Datasheet HTML 10Page - Teridian Semiconductor Corporation Next Button 

73M1903C Détails du produit

DESCRIPTION
The TERIDIAN 73M1903C Analog Front End (AFE) IC includes fully differential hybrid driver outputs, which connect to the telephone line interface through a transformer-based DAA. The receive pins are also fully differential for maximum flexibility and performance. This arrangement allows for the design of a high performance hybrid circuit to improve signal to noise performance under low receive level conditions, and compatibility with any standard transformer intended for PSTN communications applications.
   
Features
• Two pairs of software selectable transmit
    differential outputs for worldwide impedance
    driver implementations.
• Up to 56kbps (V.92) performance
• Programmable sample rates (7.2-16.0kHz)
• Reference clock range of 1-40MHz
• Crystal frequency range of 4.9-27MHz
• Master or slave mode operation and daisy
    chain configurable synchronous serial Host
    interface
• Low power modes
• Fully differential receiver and transmitter
    Drivers for transformer interface
• 3.0V – 3.6V operation
• 5V tolerant I/O
• Industrial temperature range (-40 to +85°C)
• JATE compliant transmit spectrum
• Package options: 32 pin QFN
   
Applications
• Central site server modems
• Set Top Boxes
• Personal Video Recorders (PVR)
• Multifunction Peripherals (MFP)
• Fax Machines
• Internet Appliances
• Game Consoles
• Point of Sale Terminals
• Automatic Teller Machines
• Speaker Phones
• Digital Answering Machines
• RF Modems
   




Numéro de pièce similaire - 73M1903C

FabricantNo de pièceFiches techniqueDescription
logo
Teridian Semiconductor ...
73M1903C TERIDIAN-73M1903C Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
More results


Description similaire - 73M1903C

FabricantNo de pièceFiches techniqueDescription
logo
Teridian Semiconductor ...
73M1903 TERIDIAN-73M1903 Datasheet
548Kb / 46P
   Modem Analog Front End
73M1903 TERIDIAN-73M1903_V01 Datasheet
552Kb / 47P
   Modem Analog Front End
March 2010
73M1903C TERIDIAN-73M1903C_V01 Datasheet
499Kb / 48P
   Modem Analog Front End
March 2010
logo
NXP Semiconductors
UCB1100 PHILIPS-UCB1100 Datasheet
290Kb / 36P
   Advanced modem/audio analog front-end
1998 May 08
UCB1300 PHILIPS-UCB1300 Datasheet
1,022Kb / 56P
   Advanced modem/audio analog front-end
1999 Jul 20
UCB1200 PHILIPS-UCB1200 Datasheet
1Mb / 54P
   Advanced modem/audio analog front-end
1998 Jul 22
logo
National Semiconductor ...
NS32FX210 NSC-NS32FX210 Datasheet
763Kb / 22P
   Facsimile/Data Modem Analog Front End (AFE)
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
   Analog Front End
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
   Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
   Analog Front End
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com