Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P6KE11A-G Fiches technique (PDF) - Comchip Technology

P6KE11A-G Datasheet PDF - Comchip Technology
No de pièce P6KE11A-G
Télécharger  P6KE11A-G Télécharger

Taille du fichier   132.79 Kbytes
Page   5 Pages
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 600W Transient Voltage Suppressor

P6KE11A-G Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
P6KE11A-G Datasheet PDF - Comchip Technology

No de pièce P6KE11A-G
Télécharger  P6KE11A-G Click to download

Taille du fichier   132.79 Kbytes
Page   5 Pages
Fabricant  COMCHIP [Comchip Technology]
Site Internet  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology
Description 600W Transient Voltage Suppressor

P6KE11A-G Fiches technique (HTML) - Comchip Technology

P6KE11A-G Datasheet HTML 1Page - Comchip Technology P6KE11A-G Datasheet HTML 2Page - Comchip Technology P6KE11A-G Datasheet HTML 3Page - Comchip Technology P6KE11A-G Datasheet HTML 4Page - Comchip Technology P6KE11A-G Datasheet HTML 5Page - Comchip Technology

P6KE11A-G Détails du produit

Stand-off Voltage: 6.8 ~ 600V Power Dissipation: 600 Watts RoHS Device

Features
-Plastic package has underwriters laboratory flammability classification 94V-0
-600W, surge capability at 1mS.
-Excellent clamping capability.
-Low Zener impedance.
-Fast response time: typically less than 1.0pS from 0 volt to BV min.
-Typical IR less than 1μA above 10V.




Numéro de pièce similaire - P6KE11A-G

FabricantNo de pièceFiches techniqueDescription
logo
Comchip Technology
P6KE11A-G COMCHIP-P6KE11A-G Datasheet
132Kb / 6P
   600W Transient Voltage Suppressor
More results


Description similaire - P6KE11A-G

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
6AJ LEIDITECH-6AJ Datasheet
917Kb / 6P
   600W Transient Voltage Suppressor
logo
WeEn Semiconductors
P6SMAL WEEN-P6SMAL Datasheet
557Kb / 7P
   600W Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA Datasheet
69Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 12 - 2
logo
Comchip Technology
P6KE-HF COMCHIP-P6KE-HF Datasheet
105Kb / 4P
   600W Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
P6KE6.8 NJSEMI-P6KE6.8 Datasheet
153Kb / 3P
   600w Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
P6KE LEIDITECH-P6KE Datasheet
775Kb / 5P
   600W Transient Voltage Suppressor
SMAFJ LEIDITECH-SMAFJ Datasheet
1Mb / 4P
   600W Transient Voltage Suppressor
logo
Sirectifier Global Corp...
P6KE6.8-LF SIRECT-P6KE6.8-LF Datasheet
129Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
P6KE COMCHIP-P6KE Datasheet
106Kb / 4P
   600w Transient Voltage Suppressor
logo
Diodes Incorporated
P6KE6V8CA DIODES-P6KE6V8CA_1 Datasheet
77Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSOR
DS21502 Rev. 17 - 2
logo
WeEn Semiconductors
SMBJ WEEN-SMBJ Datasheet
605Kb / 7P
   600W Transient Voltage Suppressor
More results




À propos de Comchip Technology


Comchip Technology is a global manufacturer of high-quality discrete semiconductors and passive components. The company was founded in 1987 and is headquartered in Taiwan.

Comchip Technology offers a wide range of products, including diodes, rectifiers, bridge rectifiers, transient voltage suppressors, and zener diodes. The company also produces a variety of passive components, such as ceramic capacitors, tantalum capacitors, and inductors.

Comchip Technology has a strong focus on research and development, and has developed a number of proprietary technologies that have helped to establish the company as a leader in its field. The company has also established strategic partnerships with other leading semiconductor manufacturers in order to further enhance its capabilities.

Comchip Technology's products are used in a variety of applications, including power management, consumer electronics, automotive, telecommunications, and industrial equipment. The company is committed to providing high-quality products and exceptional customer service, and is continuously improving its products and processes in order to better meet the needs of its customers.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com