Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3120KM Fiches technique (PDF) - Allegro MicroSystems

SI-3120KM Datasheet PDF - Allegro MicroSystems
No de pièce SI-3120KM
Télécharger  SI-3120KM Télécharger

Taille du fichier   149.25 Kbytes
Page   12 Pages
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs

SI-3120KM Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SI-3120KM Datasheet PDF - Allegro MicroSystems

No de pièce SI-3120KM
Télécharger  SI-3120KM Click to download

Taille du fichier   149.25 Kbytes
Page   12 Pages
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs

SI-3120KM Fiches technique (HTML) - Allegro MicroSystems

Back Button SI-3120KM Datasheet HTML 1Page - Allegro MicroSystems SI-3120KM Datasheet HTML 2Page - Allegro MicroSystems SI-3120KM Datasheet HTML 3Page - Allegro MicroSystems SI-3120KM Datasheet HTML 4Page - Allegro MicroSystems SI-3120KM Datasheet HTML 5Page - Allegro MicroSystems SI-3120KM Datasheet HTML 6Page - Allegro MicroSystems SI-3120KM Datasheet HTML 7Page - Allegro MicroSystems SI-3120KM Datasheet HTML 8Page - Allegro MicroSystems SI-3120KM Datasheet HTML 9Page - Allegro MicroSystems SI-3120KM Datasheet HTML 10Page - Allegro MicroSystems Next Button 

SI-3120KM Détails du produit

■Features
• Compact surface mount package (TO252-5)
• Output current: 1.0 A
• Low dropout voltage: VDIF ≤ 0.6 V (at IO = 1.0
A)
• Low current consumption: Iq ≤ 350 µA
(600 µA for SI-3010KM/SI-3050KM/SI3090KM/SI-3120KM)
• Low circuit current at output OFF: Iq (OFF) ≤ 1
µA
• Built-in overcurrent and thermal protection
circuits
• Output ON/OFF control function
• Compatible with low ESR capacitors (SI3012KM/SI-3025KM/SI-3033KM)




Numéro de pièce similaire - SI-3120KM

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
logo
Sanken electric
SI-3120KM SANKEN-SI-3120KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3120KM-TL ALLEGRO-SI-3120KM-TL Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
More results


Description similaire - SI-3120KM

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KD SANKEN-SI-3000KD Datasheet
69Kb / 3P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KS ALLEGRO-SI-3012KS Datasheet
97Kb / 6P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000KFE SANKEN-SI-3000KFE Datasheet
56Kb / 2P
   Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results




À propos de Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com