Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MADR-007097-000100 Fiches technique (PDF) - M/A-COM Technology Solutions, Inc.

MADR-007097-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.
No de pièce MADR-007097-000100
Télécharger  MADR-007097-000100 Télécharger

Taille du fichier   124.09 Kbytes
Page   4 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT PIN Diode Driver

MADR-007097-000100 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MADR-007097-000100 Datasheet PDF - M/A-COM Technology Solutions, Inc.

No de pièce MADR-007097-000100
Télécharger  MADR-007097-000100 Click to download

Taille du fichier   124.09 Kbytes
Page   4 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description SPDT PIN Diode Driver

MADR-007097-000100 Fiches technique (HTML) - M/A-COM Technology Solutions, Inc.

MADR-007097-000100 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MADR-007097-000100 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MADR-007097-000100 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MADR-007097-000100 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.

MADR-007097-000100 Détails du produit

Description
M/A-COMs MADR-007097-000100 is a SPDT driver used to interface between TTL logic signals and PIN diode based microwave switches. High-speed analog CMOS technology is used to achieve low power consumption at moderate speeds. Low output resistances allow it to develop high output current spikes to ensure fast switching speeds. The complementary output stages are structured so it can be used as an inverting or non-inverting driver for SPST switches, or as a single input, complementary driver for SPDT switches. The monolithic die is packaged in a SO-8, plastic surface mount package and is available in tape and reel packaging for high volume applications. The MADR- 007097-000100 driver is ideally suited for driving M/ A-COM’s line of HMIC switches.

Features
• Moderate Speed, CMOS Technology (25 nS)
• Complementary Outputs
• High Drive Current Capability (± 50 mA)
• Low Current Consumption
• Plastic SOIC Body for SMT Applications
• Tape and Reel Packaging Available
• Lead-Free SOIC-8 Package
• 100% Matte Tin Plating over Copper
• Halogen-Free “Green” Mold Compound
• 260°C Reflow Compatible
• RoHS* Compliant Version of DR65-0003




Numéro de pièce similaire - MADR-007097-000100

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MADR-007097-000100 MACOM-MADR-007097-000100 Datasheet
191Kb / 3P
   SPDT PIN Diode Driver
logo
M/A-COM Technology Solu...
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
More results


Description similaire - MADR-007097-000100

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MADR-007097-000100 MACOM-MADR-007097-000100 Datasheet
191Kb / 3P
   SPDT PIN Diode Driver
DR65-0003 MACOM-DR65-0003 Datasheet
251Kb / 2P
   SPDT PIN Diode Driver
logo
M/A-COM Technology Solu...
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097 MA-COM-MADR-007097_15 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
MADR-007097 MA-COM-MADR-007097 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
logo
Pasternack Enterprises,...
PE71S2042 PASTERNACK-PE71S2042_V01 Datasheet
468Kb / 5P
   SPDT PIN Diode Switch
PE71S2039 PASTERNACK-PE71S2039_V01 Datasheet
551Kb / 5P
   SPDT PIN Diode Switch
logo
List of Unclassifed Man...
S2S0518A4 ETC2-S2S0518A4 Datasheet
116Kb / 1P
   SPDT PIN DIODE SWITCHES
logo
Pasternack Enterprises,...
PE71S2041 PASTERNACK-PE71S2041_V01 Datasheet
556Kb / 5P
   Absorptive SPDT PIN Diode Switch
logo
M/A-COM Technology Solu...
MA4AGSW2_V5 MA-COM-MA4AGSW2_V5 Datasheet
111Kb / 7P
   SPDT AlGaAs PIN Diode Switch
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com