Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MA4VAT900-1277T Fiches technique (PDF) - M/A-COM Technology Solutions, Inc.

MA4VAT900-1277T Datasheet PDF - M/A-COM Technology Solutions, Inc.
No de pièce MA4VAT900-1277T
Télécharger  MA4VAT900-1277T Télécharger

Taille du fichier   93.14 Kbytes
Page   4 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC PIN Diode Variable Attenuator 0.8 - 1.0 GHz

MA4VAT900-1277T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MA4VAT900-1277T Datasheet PDF - M/A-COM Technology Solutions, Inc.

No de pièce MA4VAT900-1277T
Télécharger  MA4VAT900-1277T Click to download

Taille du fichier   93.14 Kbytes
Page   4 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMIC PIN Diode Variable Attenuator 0.8 - 1.0 GHz

MA4VAT900-1277T Fiches technique (HTML) - M/A-COM Technology Solutions, Inc.

MA4VAT900-1277T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4VAT900-1277T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc.

MA4VAT900-1277T Détails du produit

Description and Applications
M/A-COM’s MA4VAT900-1277T is a HMIC MONLITHIC PIN Diode Variable Attenuator which utilizes an integrated 90 degree 3dB hybrid with a pair of Silicon PIN Diodes to perform the required attenuation function as Voltage (Current) is applied.
This device operates from 0 to 2 Volts at 330 uA typical control current for maximum attenuation. The user can add external biasing resistors to the bias ports for higher voltage requirements as required.
M/A-COM’s MA4VAT900-1277T PIN Diode Variable Attenuator is designed for AGC Circuit Applications requiring:
• Lower Insertion Loss
• Lower distortion through attenuation
• Larger dynamic range for wide spread spectrum
   applications

Features
• Bandwidth: 0.80 GHz to 1.00 GHz
• <1.0 dB Insertion Loss, Typical
• 1.4:1 VSWR, Typical
• 24 dB Attenuation, Typical
• 40 dBm IIP3, Typical ( 1MHz Offset, @ +0dBm Pinc )
• 0-1.8 Volt Control Voltage.
• User can add an External Resistor for higher
   voltage requirements.
• RoHs Compliant

Extra Features
• Usable Bandwidth: 0.60 GHz to 2.00 GHz
• 1.9 dB Insertion Loss, Max
• 2:1 VSWR, Max
• 20 dB Attenuation, Max




Numéro de pièce similaire - MA4VAT900-1277T

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MA4VAT900-1277T MACOM-MA4VAT900-1277T Datasheet
325Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
logo
M/A-COM Technology Solu...
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T_15 Datasheet
633Kb / 5P
   HMIC PIN Diode Variable Attenuator
More results


Description similaire - MA4VAT900-1277T

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
MA4VAT900-1277T MACOM-MA4VAT900-1277T Datasheet
325Kb / 4P
   HMIC PIN Diode Variable Attenuator 0.80-1.0 GHz
logo
M/A-COM Technology Solu...
MA4VAT904-1061T MA-COM-MA4VAT904-1061T Datasheet
199Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT907-1061T MA-COM-MA4VAT907-1061T Datasheet
192Kb / 4P
   High IIP3 PIN Diode Variable Attenuator 0.8 - 1.0 GHz
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
   HMIC PIN Diode Variable Attenuator
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T_15 Datasheet
620Kb / 5P
   HMIC PIN Diode Variable Attenuator
logo
Tyco Electronics
MA4VAT2000-1277T MACOM-MA4VAT2000-1277T Datasheet
313Kb / 4P
   HMIC PIN Diode Variable Attenuator 1.70-2.20 GHz
logo
M/A-COM Technology Solu...
MA4VAT2000-1277T MA-COM-MA4VAT2000-1277T Datasheet
86Kb / 4P
   HMIC PIN Diode Variable Attenuator 1.70 - 2.20 GHz
MA4VAT900-1277T MA-COM-MA4VAT900-1277T_15 Datasheet
633Kb / 5P
   HMIC PIN Diode Variable Attenuator
logo
Tyco Electronics
MA4VAT904-1061T MACOM-MA4VAT904-1061T Datasheet
385Kb / 4P
   High IIP3 PIN Diode Variable Attenuator (0.80-1.0 GHz)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com