Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MASW-000823-12770T Fiches technique (PDF) - M/A-COM Technology Solutions, Inc.

MASW-000823-12770T Datasheet PDF - M/A-COM Technology Solutions, Inc.
No de pièce MASW-000823-12770T
Télécharger  MASW-000823-12770T Télécharger

Taille du fichier   138.39 Kbytes
Page   6 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMICTM PIN Diode SP2T 13 Watt Switch for TD-SCDMA Applications

MASW-000823-12770T Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MASW-000823-12770T Datasheet PDF - M/A-COM Technology Solutions, Inc.

No de pièce MASW-000823-12770T
Télécharger  MASW-000823-12770T Click to download

Taille du fichier   138.39 Kbytes
Page   6 Pages
Fabricant  MA-COM [M/A-COM Technology Solutions, Inc.]
Site Internet  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description HMICTM PIN Diode SP2T 13 Watt Switch for TD-SCDMA Applications

MASW-000823-12770T Fiches technique (HTML) - M/A-COM Technology Solutions, Inc.

MASW-000823-12770T Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASW-000823-12770T Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASW-000823-12770T Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MASW-000823-12770T Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MASW-000823-12770T Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MASW-000823-12770T Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.

MASW-000823-12770T Détails du produit

Description and Applications
The MA-COM MASW-000823-12770T is a SP2T, High Peak and Average Power, High Linearity, Common Anode, PIN diode LNA Protect Switch for TD-SCDMA(2010-2025 MHz) applications.
The device is provided in industry standard 3mm MLP plastic packaging. This device incorporates a PIN diode die fabricated with M/A-COM’s patented Silicon-Glass HMICTM process. This chip features two silicon pedestals embedded in a low loss, low dispersion glass. The diodes are formed on the top of each pedestal. The topside is fully encapsulated with silicon nitride and has an additional polymer passivation layer. These polymer protective coatings prevent damage and contamination during handling and assembly.

Features
• Exceptional Tx Loss = 0.35 dB Avg @ 2025 MHz, 20mA
• Exceptional Rx Loss = 0.50 dB Avg @ 2025 MHz, 20mA
• Higher Tx-Rx Isolation = 31dB Avg @ 2025 MHz, 20mA
• Higher RF C.W. Input Power =13 W C.W.(Tx-Ant Port)
• Higher RF Peak Power =+49.5 dBm, 5uS P.W.,1 % duty
• Higher IIP3=64 dBm (Tx-Ant Port )
• Lower EVM (OFDM): < 1.5 % @13W Pinc, (Tx-Ant Port)
• Surface Mount 3mm MLP Package, RoHS* Compliant




Numéro de pièce similaire - MASW-000823-12770T

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MASW-000822-000SMB MA-COM-MASW-000822-000SMB Datasheet
146Kb / 4P
   Application Note on Sample Board Operation of the MASW-000822-12770T T/R Switch
MASW-000822-001SMB MA-COM-MASW-000822-001SMB Datasheet
812Kb / 6P
   HMIC PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
More results


Description similaire - MASW-000823-12770T

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
MASW-000822-12770T_V6 MA-COM-MASW-000822-12770T_V6 Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000822-12770T MA-COM-MASW-000822-12770T Datasheet
216Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
MASW-000825-12770T_V4 MA-COM-MASW-000825-12770T_V4 Datasheet
218Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch
logo
Tyco Electronics
MASW-000822-12770T MACOM-MASW-000822-12770T Datasheet
215Kb / 10P
   HMICTM PIN Diode SP2T 8 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
M/A-COM Technology Solu...
MASW-000822-1277OT MA-COM-MASW-000822-1277OT Datasheet
215Kb / 5P
   HMICTM PIN Diode SP2T 10 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
MASW-000825-12770T MA-COM-MASW-000825-12770T Datasheet
209Kb / 8P
   HMICTM PIN Diode SP2T 20 Watt Switch for 0.05 - 6.0 GHz Higher Power Applications
logo
RF Monolithics, Inc
SF2148B RFM-SF2148B Datasheet
517Kb / 5P
   Designed for TD-SCDMA Applications
logo
M/A-COM Technology Solu...
MASW-000834_13560T_V8 MA-COM-MASW-000834_13560T_V8 Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
MASW-000834-13560T MA-COM-MASW-000834-13560T Datasheet
248Kb / 13P
   HMICTM PIN Diode SPDT 50 Watt Switch
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com