Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FSBH0170ANY Fiches technique (PDF) - Fairchild Semiconductor

FSBH0170ANY Datasheet PDF - Fairchild Semiconductor
No de pièce FSBH0170ANY
Télécharger  FSBH0170ANY Télécharger

Taille du fichier   708.45 Kbytes
Page   16 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Mode Fairchild Power Switch (FPS??

FSBH0170ANY Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
FSBH0170ANY Datasheet PDF - Fairchild Semiconductor

No de pièce FSBH0170ANY
Télécharger  FSBH0170ANY Click to download

Taille du fichier   708.45 Kbytes
Page   16 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Green Mode Fairchild Power Switch (FPS??

FSBH0170ANY Fiches technique (HTML) - Fairchild Semiconductor

Back Button FSBH0170ANY Datasheet HTML 1Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 2Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 3Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 4Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 5Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 6Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 7Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 8Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 9Page - Fairchild Semiconductor FSBH0170ANY Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FSBH0170ANY Détails du produit

Description

The highly integrated FSBH-series consists of an integrated current-mode Pulse Width Modulator (PWM) and an avalanche-rugged 700V SenseFET. It is specifically designed for high-performance offline Switch Mode Power Supplies (SMPS) with minimal external components.



Features

ƒ  Brownout Protection with Hysteresis

ƒ  Built-In 5ms Soft-Start Function

ƒ  Internal Avalanche-Rugged 700V SenseFET

ƒ  No Acoustic Noise During Light-Load Operation

ƒ  High-Voltage Startup

ƒ  Linearly Decreasing PWM Frequency to 18KHz

ƒ  Peak-Current-Mode Control

ƒ  Cycle-by-Cycle Current Limiting

ƒ  Leading-Edge Blanking (LEB)

ƒ  Synchronized Slope Compensation

ƒ  Internal Open-Loop Protection

ƒ  VDDUnder-Voltage Lockout (UVLO)

ƒ  VDDOver-Voltage Protection (OVP)

ƒ  Internal Auto-RestartCircuit (OVP, OTP)

ƒ  Constant Power Limit (Full AC Input Range)

ƒ  Internal OTP Sensor with Hysteresis

ƒ  VIN Pin for Pull-HIGH Latch Function and Pull LOW Auto-Recovery Protection



Applications

General-purpose switch-mode power supplies and flyback power converters, including:

ƒ  Auxiliary Power Supply for PC and Server

ƒ  SMPS for VCR, SVR, STB, DVD & DVCD Player, Printer, Facsimile, and Scanner

ƒ  Adapter for Camcorder




Numéro de pièce similaire - FSBH0170ANY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSBH0170ANY FAIRCHILD-FSBH0170ANY Datasheet
801Kb / 16P
   Green Mode Fairchild Power Switch
More results


Description similaire - FSBH0170ANY

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSDM0265RNB FAIRCHILD-FSDM0265RNB Datasheet
904Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM1265RB FAIRCHILD-FSDM1265RB Datasheet
380Kb / 20P
   Green Mode Fairchild Power Switch (FPS)
FSDM0465RE FAIRCHILD-FSDM0465RE_07 Datasheet
405Kb / 20P
   Green Mode Fairchild Power Switch (FPS??
FSL106HR FAIRCHILD-FSL106HR Datasheet
942Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL116LR FAIRCHILD-FSL116LR Datasheet
934Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136HR FAIRCHILD-FSL136HR Datasheet
1,004Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSL136MR FAIRCHILD-FSL136MR Datasheet
903Kb / 13P
   Green Mode Fairchild Power Switch (FPS??
FSD210B FAIRCHILD-FSD210B Datasheet
853Kb / 18P
   Green Mode Fairchild Power Switch (FPS)
FSL137MRIN FAIRCHILD-FSL137MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL117MRIN FAIRCHILD-FSL117MRIN Datasheet
1Mb / 15P
   Green-Mode Fairchild Power Switch (FPS??
FSL126MRT FAIRCHILD-FSL126MRT Datasheet
873Kb / 13P
   Green-Mode Fairchild Power Switch (FPS??
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com