Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AZ9481 Fiches technique (PDF) - American Zettler, Inc.

AZ9481 Datasheet PDF - American Zettler, Inc.
No de pièce AZ9481
Télécharger  AZ9481 Télécharger

Taille du fichier   117.72 Kbytes
Page   3 Pages
Fabricant  AZETTLER [American Zettler, Inc.]
Site Internet  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 16 AMP LOW PROFILE POWER RELAY

AZ9481 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AZ9481 Datasheet PDF - American Zettler, Inc.

No de pièce AZ9481
Télécharger  AZ9481 Click to download

Taille du fichier   117.72 Kbytes
Page   3 Pages
Fabricant  AZETTLER [American Zettler, Inc.]
Site Internet  http://www.azettler.com
Logo AZETTLER - American Zettler, Inc.
Description 16 AMP LOW PROFILE POWER RELAY

AZ9481 Fiches technique (HTML) - American Zettler, Inc.

AZ9481 Datasheet HTML 1Page - American Zettler, Inc. AZ9481 Datasheet HTML 2Page - American Zettler, Inc. AZ9481 Datasheet HTML 3Page - American Zettler, Inc.

AZ9481 Détails du produit

FEATURES
• High power switching (4000 VA)
• High sensitivity, 128 mW pickup
• Low profile (less than .5" height)
• SPST (1 Form A) and SPDT (1 Form C)
• UL Class F (155°C) standard
• Epoxy sealed versions available
• DC coils up to 48 VDC
• UL file E43203, TÜV R50053055




Numéro de pièce similaire - AZ9481

FabricantNo de pièceFiches techniqueDescription
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-12D ZETTLER-AZ9481-1A-12D Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-18D ZETTLER-AZ9481-1A-18D Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-24D ZETTLER-AZ9481-1A-24D Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
AZ9481-1A-48D ZETTLER-AZ9481-1A-48D Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
More results


Description similaire - AZ9481

FabricantNo de pièceFiches techniqueDescription
logo
ZETTLER Electronics
AZ944 ZETTLER-AZ944 Datasheet
103Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ944 AZETTLER-AZ944 Datasheet
76Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ948 ZETTLER-AZ948 Datasheet
139Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ948 AZETTLER-AZ948 Datasheet
80Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ948 ETC-AZ948 Datasheet
48Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ9481 ZETTLER-AZ9481 Datasheet
56Kb / 3P
   16 AMP LOW PROFILE POWER RELAY
logo
American Zettler, Inc.
AZ9481F AZETTLER-AZ9481F Datasheet
105Kb / 2P
   16 AMP LOW PROFILE POWER RELAY
AZ936 AZETTLER-AZ936 Datasheet
76Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
ZETTLER Electronics
AZ936 ZETTLER-AZ936 Datasheet
71Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
logo
List of Unclassifed Man...
AZ936 ETC2-AZ936 Datasheet
42Kb / 2P
   10 AMP LOW PROFILE POWER RELAY
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com