Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AIC1899GG Fiches technique (PDF) - Analog Intergrations Corporation

AIC1899GG Datasheet PDF - Analog Intergrations Corporation
No de pièce AIC1899GG
Télécharger  AIC1899GG Télécharger

Taille du fichier   232.96 Kbytes
Page   10 Pages
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1.0MHz Current-Mode Step-Up DC/DC Converter

AIC1899GG Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AIC1899GG Datasheet PDF - Analog Intergrations Corporation

No de pièce AIC1899GG
Télécharger  AIC1899GG Click to download

Taille du fichier   232.96 Kbytes
Page   10 Pages
Fabricant  AIC [Analog Intergrations Corporation]
Site Internet  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 1.0MHz Current-Mode Step-Up DC/DC Converter

AIC1899GG Fiches technique (HTML) - Analog Intergrations Corporation

AIC1899GG Datasheet HTML 1Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 2Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 3Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 4Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 5Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 6Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 7Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 8Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 9Page - Analog Intergrations Corporation AIC1899GG Datasheet HTML 10Page - Analog Intergrations Corporation

AIC1899GG Détails du produit

DESCRIPTION
The current-mode pulse-width modulation, AIC1899, step up converter is designed for MP3 player. The built-in high voltage N-channel MOSFET allows AIC1899 for step-up applications with up to 24V output voltage, and other low-side switching DC/DC converter.

FEATURES
• Fixed Frequency 1.0MHz Current-Mode PWM Operation.
• Adjustable Output Voltage up to 24V.
• 2.5V to 5.5V Input Range.
• Maximum 0.1µA Shutdown Current.
• Programmable Soft-Start.
• Tiny Inductor and Capacitors are allowed.
• Space-Saving TSOT-23-6 and SOT-23-6 Package.

APPLICATIONS
• OLED Driver for MP3 Player
• White LED Backlight




Numéro de pièce similaire - AIC1899GG

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC1896 AIC-AIC1896 Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GG AIC-AIC1896GG Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896GK AIC-AIC1896GK Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PG AIC-AIC1896PG Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
AIC1896PK AIC-AIC1896PK Datasheet
734Kb / 15P
   1. 4MHz Thin Package Current-Mode Step-Up DC/DC Converter
More results


Description similaire - AIC1899GG

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
RCR2561 KEXIN-RCR2561 Datasheet
227Kb / 3P
   1.0MHz Current-Mode Step-Up DC/DC Converter
logo
Diodes Incorporated
PAM2401 DIODES-PAM2401 Datasheet
485Kb / 10P
   1.0MHz STEP-UP DC-DC CONVERTER
logo
Shenzhen Huazhimei Semi...
HM6293 HMSEMI-HM6293 Datasheet
229Kb / 4P
   current mode step-up DC-DC converter
logo
Silicon Standard Corp.
SS6896 SSC-SS6896 Datasheet
481Kb / 12P
   1.4MHz Current-Mode Step-Up DC/DC Converter
logo
List of Unclassifed Man...
FP6736 ETC2-FP6736 Datasheet
442Kb / 12P
   1.4MHz SOT23 Current-Mode Step-Up DC/DC Converter
logo
Maxim Integrated Produc...
MAX1896 MAXIM-MAX1896 Datasheet
755Kb / 10P
   1.4MHz SOT23 Current-Mode Step-Up DC-DC Converter
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
   1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Diodes Incorporated
AP3429 DIODES-AP3429 Datasheet
690Kb / 11P
   1.0MHZ, 2A STEP-DOWN DC-DC BUCK CONVERTER
logo
Shenzhen Huazhimei Semi...
HM5171 HMSEMI-HM5171 Datasheet
580Kb / 11P
   2A, 1.0MHZ High Efficiency Synchronous Rectified Step-Up DC-DC Converter
logo
Maxim Integrated Produc...
MAX751 MAXIM-MAX751 Datasheet
448Kb / 12P
   5V-Output, Step-Up, Current-Mode PWM DC-DC Converter
Rev 1; 11/96
More results




À propos de Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com