Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ATA6621N Fiches technique (PDF) - ATMEL Corporation

ATA6621N Datasheet PDF - ATMEL Corporation
No de pièce ATA6621N
Télécharger  ATA6621N Télécharger

Taille du fichier   496.19 Kbytes
Page   28 Pages
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Transceiver with 5V Regulator and Watchdog

ATA6621N Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
ATA6621N Datasheet PDF - ATMEL Corporation

No de pièce ATA6621N
Télécharger  ATA6621N Click to download

Taille du fichier   496.19 Kbytes
Page   28 Pages
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description LIN Transceiver with 5V Regulator and Watchdog

ATA6621N Fiches technique (HTML) - ATMEL Corporation

Back Button ATA6621N Datasheet HTML 1Page - ATMEL Corporation ATA6621N Datasheet HTML 2Page - ATMEL Corporation ATA6621N Datasheet HTML 3Page - ATMEL Corporation ATA6621N Datasheet HTML 4Page - ATMEL Corporation ATA6621N Datasheet HTML 5Page - ATMEL Corporation ATA6621N Datasheet HTML 6Page - ATMEL Corporation ATA6621N Datasheet HTML 7Page - ATMEL Corporation ATA6621N Datasheet HTML 8Page - ATMEL Corporation ATA6621N Datasheet HTML 9Page - ATMEL Corporation ATA6621N Datasheet HTML 10Page - ATMEL Corporation Next Button 

ATA6621N Détails du produit

Description
The ATA6621N is a fully integrated LIN transceiver, complying with the LIN specification, and with a low-drop voltage regulator for 5V/50 mA output and a window watchdog adjustable via an external resistor. In this QFN20 package, the voltage regulator is able to source 50 mA at VS = 18V even at an ambient temperature of 105°C. The output current of the regulator can be boosted by using an external NPN transistor. This combination makes it possible to develop simple, but powerful and cheap, slave nodes in LIN bus systems.

Features
• Supply Voltage up to 40V
• Operating Voltage VS = 5V to 18V
• Slew Rate Control according to LIN Specification 2.0
• Supply Current during Sleep Mode Typically 10 µA
• Supply Current in Silent Mode Typically 40 µA
• Linear Low-drop Voltage Regulator:
   – Normal Mode: VCC = 5V ±2%/50 mA
   – Silent Mode: VCC = 5V ±7%/50 mA
   – Sleep Mode: VCC is Switched Off
• VCC Undervoltage Detection (10 ms Reset time) and Watchdog Reset Logically Combined at Output NRES
• Possibility of Boosting the Voltage Regulator with an External NPN Transistor
• LIN Physical Layer according to LIN Specification 2.0
• Wake-up Capability via LIN Bus or WAKE Pin
• Wake-up Recognition
• TXD Time-out Timer
• Debug Mode Watchdog Is Switched Off
• 60V Load Dump Protection at LIN Pin
• Bus Pin is Overtemperature and Short Circuit Protected versus GND and Battery
• Adjustable Watchdog Time via External Resistor
• Positive and Negative Trigger Input for Watchdog
• 5V CMOS Compatible I/O Pins to MCU
• Analog Temperature Monitor Output
• High EMC and ESD Level
• Package: QFN 5 × 5 with 20 Pins




Numéro de pièce similaire - ATA6621N

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATA6621N ATMEL-ATA6621N Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N-PGPW ATMEL-ATA6621N-PGPW Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N-PGQW ATMEL-ATA6621N-PGQW Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
More results


Description similaire - ATA6621N

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
ATA6621 ATMEL-ATA6621_06 Datasheet
415Kb / 27P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621 ATMEL-ATA6621 Datasheet
386Kb / 26P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6621N ATMEL-ATA6621N_09 Datasheet
480Kb / 28P
   LIN Transceiver with 5V Regulator and Watchdog
ATA6612 ATMEL-ATA6612 Datasheet
5Mb / 364P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6602 ATMEL-ATA6602 Datasheet
4Mb / 362P
   Microcontroller with LIN Transceiver, 5V Regulator and Watchdog
ATA6622 ATMEL-ATA6622_09 Datasheet
910Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6630 ATMEL-ATA6630_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6622 ATMEL-ATA6622 Datasheet
494Kb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6624C-PGQW ATMEL-ATA6624C-PGQW Datasheet
2Mb / 29P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
ATA6628 ATMEL-ATA6628_14 Datasheet
1Mb / 36P
   LIN Bus Transceiver with 3.3V (5V) Regulator and Watchdog
More results




À propos de ATMEL Corporation


Atmel Corporation était une société américaine de semi-conducteurs fondée en 1984.
La société était l'un des principaux fournisseurs de microcontrôleurs, de solutions tactiles et d'autres produits semi-conducteurs pour diverses applications sur les marchés des consommateurs, industriels et automobiles.
Les produits d'Atmel étaient connus pour leur petit facteur de forme, leur faible consommation d'énergie et leurs performances élevées.
En 2016, ATMEL a été acquis par Microchip Technology Inc., l'un des principaux fournisseurs de microcontrôleurs et de semi-conducteurs analogiques.
La marque ATMEL et la technologie continuent d'être développées et vendues dans le cadre du portefeuille de produits de Microchip.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com