Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SG6860 Fiches technique (PDF) - Fairchild Semiconductor

SG6860 Datasheet PDF - Fairchild Semiconductor
No de pièce SG6860
Télécharger  SG6860 Télécharger

Taille du fichier   554.95 Kbytes
Page   11 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Cost, Green-Mode PWM Controller for Flyback Converters

SG6860 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SG6860 Datasheet PDF - Fairchild Semiconductor

No de pièce SG6860
Télécharger  SG6860 Click to download

Taille du fichier   554.95 Kbytes
Page   11 Pages
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Low-Cost, Green-Mode PWM Controller for Flyback Converters

SG6860 Fiches technique (HTML) - Fairchild Semiconductor

Back Button SG6860 Datasheet HTML 1Page - Fairchild Semiconductor SG6860 Datasheet HTML 2Page - Fairchild Semiconductor SG6860 Datasheet HTML 3Page - Fairchild Semiconductor SG6860 Datasheet HTML 4Page - Fairchild Semiconductor SG6860 Datasheet HTML 5Page - Fairchild Semiconductor SG6860 Datasheet HTML 6Page - Fairchild Semiconductor SG6860 Datasheet HTML 7Page - Fairchild Semiconductor SG6860 Datasheet HTML 8Page - Fairchild Semiconductor SG6860 Datasheet HTML 9Page - Fairchild Semiconductor SG6860 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

SG6860 Détails du produit

Description

This highly integrated PWM controller provides several enhancements designed to meet the low standby-power

needs of low-power SMPS. To minimize standby power consumption, a proprietary green-mode function

provides off-time modulation to linearly decrease the switching frequency under light-load conditions. This

green-mode function enables the power supply to meet even strict power conservation requirements.



Features

  Green-Mode PWM

  Supports the “Blue Angel” Eco Standard

  Low Start-up Current: 9µA

  Low Operating Current: 3mA

  Leading-Edge Blanking

  Constant Output Power Limit

  Universal Input

  Built-in Synchronized Slope Compensation

  Current Mode Operation

  Cycle-by-cycle Current Limiting

  Under-Voltage Lockout (UVLO)

  Programmable PWM Frequency with Frequency Hopping

  VDDOver-Voltage Protection (Latch off)

  Gate Output Voltage Clamped at 17V

  Low Cost

  Few External Components Required

  Small SOT-26 Package



Applications

  Power Adaptors

  Open-Frame SMPS




Numéro de pièce similaire - SG6860

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SG6840 ETC-SG6840 Datasheet
384Kb / 11P
   HIGH INTEGRATED PWM CONTROLLER
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
SG6841D ETC-SG6841D Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
logo
Fairchild Semiconductor
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
logo
List of Unclassifed Man...
SG6841S ETC-SG6841S Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
More results


Description similaire - SG6860

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858_09 Datasheet
482Kb / 13P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
SG5851A FAIRCHILD-SG5851A Datasheet
902Kb / 12P
   Low-Cost, Green-Mode, PWM Controller for Flyback Converters
logo
List of Unclassifed Man...
SG6848 ETC-SG6848 Datasheet
263Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG6858 FAIRCHILD-SG6858 Datasheet
508Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
logo
Fairchild Semiconductor
SG5851 FAIRCHILD-SG5851 Datasheet
535Kb / 11P
   Low-Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A Datasheet
585Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
SG6859 FAIRCHILD-SG6859 Datasheet
479Kb / 13P
   Low Cost Green-Mode PWM Controller for Flyback Converters
SG6859A FAIRCHILD-SG6859A_10 Datasheet
509Kb / 13P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
logo
ON Semiconductor
SG6848TZ1 ONSEMI-SG6848TZ1 Datasheet
831Kb / 12P
   Low-Cost, Green-Mode PWM Controller for Flyback Converters
Rev. 2, Feb-2020
More results




À propos de Fairchild Semiconductor


Fairchild Semiconductor était une entreprise de semi-conducteurs pionniers qui a été fondée à la fin des années 1950.
L'entreprise était connue pour son innovation dans le développement du premier transistor commercial et pour ses contributions à l'avancement de la technologie de circuit intégré.
Fairchild est devenu l'un des principaux fournisseurs de semi-conducteurs de puissance, de circuits intégrés de signal analogique et mixte et d'autres produits semi-conducteurs.
La société a été acquise par ON Semiconductor en 2016 et ses produits et technologies continuent d'être développés et vendus sous la marque ON Semiconductor.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com