Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M57140-01 Fiches technique (PDF) - Isahaya Electronics Corporation

M57140-01 Datasheet PDF - Isahaya Electronics Corporation
No de pièce M57140-01
Télécharger  M57140-01 Télécharger

Taille du fichier   139.65 Kbytes
Page   6 Pages
Fabricant  ISAHAYA [Isahaya Electronics Corporation]
Site Internet  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description IPM POWER SUPPLY HYBRID IC

M57140-01 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M57140-01 Datasheet PDF - Isahaya Electronics Corporation

No de pièce M57140-01
Télécharger  M57140-01 Click to download

Taille du fichier   139.65 Kbytes
Page   6 Pages
Fabricant  ISAHAYA [Isahaya Electronics Corporation]
Site Internet  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation
Description IPM POWER SUPPLY HYBRID IC

M57140-01 Fiches technique (HTML) - Isahaya Electronics Corporation

M57140-01 Datasheet HTML 1Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 2Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 3Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 4Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 5Page - Isahaya Electronics Corporation M57140-01 Datasheet HTML 6Page - Isahaya Electronics Corporation

M57140-01 Détails du produit

Description:
M57140-01 is an isolated DC-to-DC converter designed to drive IPMs (Intelligent Power Modules). With an input of DC 20V, the module supplies four 15V outputs. Isolation is provided from primary to secondary and also between the secondaries. Interwinding isolation is designed for driving the IPM.

Features::
• Output Specification: +15V x 4, Total 3W max.
• Primary-to-secondary Isolation: 2500 VRMS, One Minute
• Secondary-to-secondary Isolation Voltage:
   1500 VRMS, One Minute
• Compact, Low Profile Design

Applications:
• IPMs for General Purpose Inverter and AC Servo
• Power Source for MOSFET Driving Circuits




Numéro de pièce similaire - M57140-01

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M57140-01 MITSUBISHI-M57140-01 Datasheet
49Kb / 4P
   IPM POWER SUPPLY HYBRID IC
logo
Powerex Power Semicondu...
M57140-01 POWEREX-M57140-01 Datasheet
80Kb / 4P
   Isolated DC-to-DC Converter
More results


Description similaire - M57140-01

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M57140-01 MITSUBISHI-M57140-01 Datasheet
49Kb / 4P
   IPM POWER SUPPLY HYBRID IC
logo
Isahaya Electronics Cor...
VLA606-01R ISAHAYA-VLA606-01R Datasheet
185Kb / 5P
   HYBRID IC IPM INTERFACE MODULE
VLA303A-01R ISAHAYA-VLA303A-01R Datasheet
267Kb / 9P
   IPM POWER SUPPLY UNIT
M57147AU-01 ISAHAYA-M57147AU-01 Datasheet
175Kb / 6P
   IPM POWER SUPPLY UNIT
VLA303-01 ISAHAYA-VLA303-01 Datasheet
353Kb / 9P
   IPM POWER SUPPLY UNIT
logo
Mitsubishi Electric Sem...
M57145L-01 MITSUBISHI-M57145L-01 Datasheet
49Kb / 3P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
logo
Isahaya Electronics Cor...
YS246DS-05 ISAHAYA-YS246DS-05 Datasheet
80Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-15 ISAHAYA-YS243DS-15 Datasheet
101Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DS-05 ISAHAYA-YS243DS-05 Datasheet
102Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
YS243DD-12 ISAHAYA-YS243DD-12 Datasheet
103Kb / 5P
   HYBRID IC FOR ON-BOARD POWER SUPPLY
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com