Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AL-HKB35A Fiches technique (PDF) - A-BRIGHT Inc

AL-HKB35A Datasheet PDF - A-BRIGHT Inc
No de pièce AL-HKB35A
Télécharger  AL-HKB35A Télécharger

Taille du fichier   344.94 Kbytes
Page   5 Pages
Fabricant  A-BRIGHT [A-BRIGHT Inc]
Site Internet  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
Description Super Yellow SMD Chip LED Lamps (1.0mm Height)

AL-HKB35A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AL-HKB35A Datasheet PDF - A-BRIGHT Inc

No de pièce AL-HKB35A
Télécharger  AL-HKB35A Click to download

Taille du fichier   344.94 Kbytes
Page   5 Pages
Fabricant  A-BRIGHT [A-BRIGHT Inc]
Site Internet  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc
Description Super Yellow SMD Chip LED Lamps (1.0mm Height)

AL-HKB35A Fiches technique (HTML) - A-BRIGHT Inc

AL-HKB35A Datasheet HTML 1Page - A-BRIGHT Inc AL-HKB35A Datasheet HTML 2Page - A-BRIGHT Inc AL-HKB35A Datasheet HTML 3Page - A-BRIGHT Inc AL-HKB35A Datasheet HTML 4Page - A-BRIGHT Inc AL-HKB35A Datasheet HTML 5Page - A-BRIGHT Inc



Numéro de pièce similaire - AL-HKB35A

FabricantNo de pièceFiches techniqueDescription
logo
A-BRIGHT Inc
AL-HKB35A A-BRIGHT-AL-HKB35A_09 Datasheet
207Kb / 5P
   0805 Package Yellow SMD Chip LED Lamps
More results


Description similaire - AL-HKB35A

FabricantNo de pièceFiches techniqueDescription
logo
A-BRIGHT Inc
AL-HGD35A A-BRIGHT-AL-HGD35A Datasheet
344Kb / 5P
   Super Yellow Green SMD Chip LED Lamps (1.0mm Height)
2006/10/11
AL-HJF35A A-BRIGHT-AL-HJF35A Datasheet
344Kb / 5P
   Super Amber SMD Chip LED Lamps (1.0mm Height)
2006/10/11
AL-HUB35A A-BRIGHT-AL-HUB35A Datasheet
344Kb / 5P
   Super Red SMD Chip LED Lamps (1.0mm Height)
2007/3/14
AL-HKB33A A-BRIGHT-AL-HKB33A Datasheet
342Kb / 5P
   Super Yellow SMD Chip LED Lamps
2006/10/11
AL-HKB33 A-BRIGHT-AL-HKB33 Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps
2006/10/11
AL-HKB36D A-BRIGHT-AL-HKB36D Datasheet
340Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.8mm Height)
2006/10/11
AL-HKB36A A-BRIGHT-AL-HKB36A Datasheet
339Kb / 5P
   Super Yellow SMD Chip LED Lamps (0.6mm Height)
2006/10/11
AL-HB435A A-BRIGHT-AL-HB435A Datasheet
344Kb / 5P
   0805 Package Super Blue SMD Chip LED Lamps (1.0mm Height)
2006/10/11
AL-HW435A A-BRIGHT-AL-HW435A Datasheet
344Kb / 5P
   White SMD Chip LED Lamps (1.0mm Height)
2006/10/18
AL-HG635A A-BRIGHT-AL-HG635A Datasheet
344Kb / 5P
   Green SMD Chip LED Lamps (1.0mm Height)
2006/10/11
More results




À propos de A-BRIGHT Inc


A-BRIGHT Inc is a Taiwanese company that specializes in the design, development, and production of LED lighting solutions for a variety of industries, including automotive, industrial, and commercial. The company was founded in 2008 and is headquartered in Taoyuan City, Taiwan.

A-BRIGHT's product portfolio includes a wide range of LED lighting solutions, such as LED modules, light bars, and flexible strips. The company also offers customized solutions for specific applications, including the design and development of LED lighting systems and modules.

The company's engineering team has extensive experience in developing advanced LED technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

A-BRIGHT's products are known for their high quality, reliability, and energy efficiency. The company uses advanced technologies and materials to develop LED lighting solutions that are efficient, durable, and cost-effective.

Overall, A-BRIGHT Inc is a trusted provider of high-quality LED lighting solutions for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com