Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L8045 Fiches technique (PDF) - Hamamatsu Corporation

L8045 Datasheet PDF - Hamamatsu Corporation
No de pièce L8045
Télécharger  L8045 Télécharger

Taille du fichier   101.73 Kbytes
Page   2 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Red LED for optical link

L8045 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
L8045 Datasheet PDF - Hamamatsu Corporation

No de pièce L8045
Télécharger  L8045 Click to download

Taille du fichier   101.73 Kbytes
Page   2 Pages
Fabricant  HAMAMATSU [Hamamatsu Corporation]
Site Internet  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Description Red LED for optical link

L8045 Fiches technique (HTML) - Hamamatsu Corporation

L8045 Datasheet HTML 1Page - Hamamatsu Corporation L8045 Datasheet HTML 2Page - Hamamatsu Corporation

L8045 Détails du produit

Red LED for optical link
Emitter for 50 Mbps optical link


L8045 is optical communication devices designed for POF (Plastic Optical Fiber) data links. L8045 is a highly reliable, high-power LED that emits red light with a peak at 650 nm optimized for POF. A mini-lens is molded on the package for efficient coupling to a POF. When used with our recommended driver circuit, a 50 Mbps transmitter can be configured at low cost.

Features
● Peak wavelength: 650 nm
● High reliability
● High output
● Designed to be used with S8046 or S7141-10

Applications
● High-speed data transmission even under poor environmental conditions with high noise




Numéro de pièce similaire - L8045

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
L8045 HAMAMATSU-L8045_15 Datasheet
99Kb / 2P
   Red LED for optical link
More results


Description similaire - L8045

FabricantNo de pièceFiches techniqueDescription
logo
Hamamatsu Corporation
L9534 HAMAMATSU-L9534 Datasheet
102Kb / 2P
   Red LED for optical link Red LED for 125 Mbps optical link
L10881 HAMAMATSU-L10881_15 Datasheet
184Kb / 3P
   Red LED for optical link
L8045 HAMAMATSU-L8045_15 Datasheet
99Kb / 2P
   Red LED for optical link
L7140-10 HAMAMATSU-L7140-10 Datasheet
268Kb / 2P
   Red LED/Photo IC for optical link
L7726 HAMAMATSU-L7726_06 Datasheet
61Kb / 2P
   Red LED for optical link Emitter for 156 Mbps POF communications
S7141-10 HAMAMATSU-S7141-10 Datasheet
71Kb / 2P
   Photo IC for optical link
L12557-01SR HAMAMATSU-L12557-01SR_15 Datasheet
273Kb / 4P
   Photo IC for optical link
S7727 HAMAMATSU-S7727_15 Datasheet
243Kb / 3P
   Photo IC for optical link
S8046 HAMAMATSU-S8046 Datasheet
74Kb / 2P
   Photo IC for optical link
L11354-01 HAMAMATSU-L11354-01_15 Datasheet
683Kb / 12P
   Photo IC for optical link
More results




À propos de Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com