Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SDB330B Fiches technique (PDF) - AUK corp

SDB330B Datasheet PDF - AUK corp
No de pièce SDB330B
Télécharger  SDB330B Télécharger

Taille du fichier   279.73 Kbytes
Page   3 Pages
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp
Description Schottky Barrier Diode

SDB330B Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
SDB330B Datasheet PDF - AUK corp

No de pièce SDB330B
Télécharger  SDB330B Click to download

Taille du fichier   279.73 Kbytes
Page   3 Pages
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp
Description Schottky Barrier Diode

SDB330B Fiches technique (HTML) - AUK corp

SDB330B Datasheet HTML 1Page - AUK corp SDB330B Datasheet HTML 2Page - AUK corp SDB330B Datasheet HTML 3Page - AUK corp

SDB330B Détails du produit

Features
• Low switching loss
• High reliability
• Very low reverse current: IR=0.15mA Max. @ VR=30V
• Low forward voltage: VF=0.5V Max. @ IF=3A

Applications
• Portable equipment battery applications
• SMPS applications




Numéro de pièce similaire - SDB330B

FabricantNo de pièceFiches techniqueDescription
logo
KODENSHI_AUK CORP.
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B KODENSHI-SDB330B Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB330B-1 KODENSHI-SDB330B-1 Datasheet
270Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
More results


Description similaire - SDB330B

FabricantNo de pièceFiches techniqueDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results




À propos de AUK corp


AUK corp is a Taiwan-based semiconductor company that specializes in the design, development, and manufacturing of discrete semiconductor components, including diodes, transistors, and MOSFETs. The company was founded in 1991 and is headquartered in New Taipei City, Taiwan.

AUK's products are used in a wide range of applications, including automotive, communications, computing, and consumer electronics. The company's product portfolio includes a variety of diodes, such as switching, zener, and Schottky diodes, as well as MOSFETs and bipolar transistors.

AUK is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, AUK is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com