Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DRD48A20 Fiches technique (PDF) - Teledyne Technologies Incorporated

DRD48A20 Datasheet PDF - Teledyne Technologies Incorporated
No de pièce DRD48A20
Télécharger  DRD48A20 Télécharger

Taille du fichier   150.29 Kbytes
Page   3 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay

DRD48A20 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
DRD48A20 Datasheet PDF - Teledyne Technologies Incorporated

No de pièce DRD48A20
Télécharger  DRD48A20 Click to download

Taille du fichier   150.29 Kbytes
Page   3 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Dual Output to 25A 510 Vac DIN-Rail Solid-State Relay

DRD48A20 Fiches technique (HTML) - Teledyne Technologies Incorporated

DRD48A20 Datasheet HTML 1Page - Teledyne Technologies Incorporated DRD48A20 Datasheet HTML 2Page - Teledyne Technologies Incorporated DRD48A20 Datasheet HTML 3Page - Teledyne Technologies Incorporated



Numéro de pièce similaire - DRD48A20

FabricantNo de pièceFiches techniqueDescription
logo
Power-One
DRD4812 POWER-ONE-DRD4812 Datasheet
46Kb / 2P
   DUAL OUTPUT, 2 WATT
DRD4815 POWER-ONE-DRD4815 Datasheet
46Kb / 2P
   DUAL OUTPUT, 2 WATT
logo
Crydom Inc.,
DRD48D06 CRYDOM-DRD48D06 Datasheet
811Kb / 6P
   Dual Output with Ratings of 6 Amps each channel
DRD48D06 CRYDOM-DRD48D06 Datasheet
716Kb / 6P
   DIN Rail Mount
DRD48D06X CRYDOM-DRD48D06X Datasheet
685Kb / 6P
   DIN Rail Mount
More results


Description similaire - DRD48A20

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
DR24D25 TELEDYNE-DR24D25 Datasheet
172Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay
DRL48R35 TELEDYNE-DRL48R35 Datasheet
163Kb / 4P
   Single Output to 35A 510 Vac DIN-Rail Solid-State Relay
DRS24D25 TELEDYNE-DRS24D25 Datasheet
166Kb / 4P
   Single Output to 30A 510 Vac DIN-Rail Solid-State Relay with Diagnostics
SS24D50 TELEDYNE-SS24D50 Datasheet
441Kb / 4P
   Output to 75A, 510 Vac Solid-State Relay with Diagnostic
logo
celduc-relais
XKM22440 CELDUC-XKM22440 Datasheet
99Kb / 2P
   Solid State Relay for DIN rail fixation
XKD CELDUC-XKD Datasheet
620Kb / 3P
   Solid State Relay for DIN rail fixation
XKA21420 CELDUC-XKA21420 Datasheet
378Kb / 2P
   Solid State Relay for DIN rail fixation
XKD11306D CELDUC-XKD11306D Datasheet
130Kb / 2P
   Solid State Relay for DIN rail fixation
XKA20420R CELDUC-XKA20420R Datasheet
45Kb / 2P
   Solid State Relay for DIN rail fixation
XKH20120 CELDUC-XKH20120 Datasheet
186Kb / 2P
   Solid State Relay for DIN rail fixation
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com