Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M63824GP Fiches technique (PDF) - Mitsubishi Electric Semiconductor

M63824GP Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce M63824GP
Télécharger  M63824GP Télécharger

Taille du fichier   43.03 Kbytes
Page   4 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE

M63824GP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M63824GP Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce M63824GP
Télécharger  M63824GP Click to download

Taille du fichier   43.03 Kbytes
Page   4 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE

M63824GP Fiches technique (HTML) - Mitsubishi Electric Semiconductor

M63824GP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M63824GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor

M63824GP Détails du produit

DESCRIPTION
The M63824GP/KP 7-channel sinkdriver, consists of 14 NPN transistors connected to from seven high current gain driver pairs.

FEATURES
● High breakdown voltage (BVCEO ≥ 50V)
● High-current driving (IC(max) = 500mA)
● With clamping diodes
● 3V micro computer series compatible input
● Wide operating temperature range (Ta = –40 to +85°C)

APPLICATION
   Output for 3 voltage microcomputer series and interface with
   high voltage system. Relay and small printer driver, LED, or
   incandescent display digit driver.




Numéro de pièce similaire - M63824GP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M63820FP MITSUBISHI-M63820FP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63820KP MITSUBISHI-M63820KP Datasheet
44Kb / 2P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823FP MITSUBISHI-M63823FP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823GP MITSUBISHI-M63823GP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results


Description similaire - M63824GP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63828WP MITSUBISHI-M63828WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525P MITSUBISHI-M54525P Datasheet
450Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54524P MITSUBISHI-M54524P Datasheet
108Kb / 3P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54525AGP MITSUBISHI-M54525AGP Datasheet
65Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54523P MITSUBISHI-M54523P Datasheet
47Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54526P MITSUBISHI-M54526P Datasheet
82Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63827WP MITSUBISHI-M63827WP Datasheet
72Kb / 6P
   7-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63826P MITSUBISHI-M63826P Datasheet
76Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63800FP MITSUBISHI-M63800FP Datasheet
68Kb / 4P
   7-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com