Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M63820FP Fiches technique (PDF) - Mitsubishi Electric Semiconductor

M63820FP Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce M63820FP
Télécharger  M63820FP Télécharger

Taille du fichier   44.88 Kbytes
Page   2 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE

M63820FP Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
M63820FP Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce M63820FP
Télécharger  M63820FP Click to download

Taille du fichier   44.88 Kbytes
Page   2 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE

M63820FP Fiches technique (HTML) - Mitsubishi Electric Semiconductor

M63820FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M63820FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor

M63820FP Détails du produit

DESCRIPTION
The M63820FP/KP 8-channel sinkdriver, consists of 16 NPN transistors connected to from eight high current gain driver pairs.

FEATURES
● High breakdown voltage (BVCEO ≥ 50V)
● High-current driving (IC(max) = 500mA)
● With clamping diodes
● 3V micro computer series compatible input
● Wide operating temperature range (Ta = –40 to +85°C)

APPLICATION
    Output for 3 voltage microcomputer series and interface with high voltage system. Relay and small printer driver, LED, or incandescent display digit driver.




Numéro de pièce similaire - M63820FP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M63823FP MITSUBISHI-M63823FP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823GP MITSUBISHI-M63823GP Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63823P MITSUBISHI-M63823P Datasheet
78Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63824GP MITSUBISHI-M63824GP Datasheet
43Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63824KP MITSUBISHI-M63824KP Datasheet
43Kb / 4P
   7-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
More results


Description similaire - M63820FP

FabricantNo de pièceFiches techniqueDescription
logo
Powerex Power Semicondu...
M54585KP POWEREX-M54585KP Datasheet
82Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
logo
Mitsubishi Electric Sem...
M54585WP MITSUBISHI-M54585WP Datasheet
230Kb / 5P
   8-Unit 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585KP MITSUBISHI-M54585KP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP Datasheet
74Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M54587P MITSUBISHI-M54587P Datasheet
44Kb / 5P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54585P MITSUBISHI-M54585P Datasheet
73Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M63836FP MITSUBISHI-M63836FP_06 Datasheet
75Kb / 4P
   8-UNIT 500mA DARLINGTON TRANSISTOR-ARRAY WITH CLAMP DIODE
M63840FP MITSUBISHI-M63840FP Datasheet
281Kb / 6P
   8-UNIT 500mA DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE SOURCE TYPE
M54562P MITSUBISHI-M54562P_12 Datasheet
89Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
M54562P MITSUBISHI-M54562P Datasheet
81Kb / 4P
   8-UNIT 500mA SOURCE TYPE DARLINGTON TRANSISTOR ARRAY WITH CLAMP DIODE
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com