Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MH8V644AWZJ-5 Fiches technique (PDF) - Mitsubishi Electric Semiconductor

MH8V644AWZJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce MH8V644AWZJ-5
Télécharger  MH8V644AWZJ-5 Télécharger

Taille du fichier   174.06 Kbytes
Page   20 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM

MH8V644AWZJ-5 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MH8V644AWZJ-5 Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce MH8V644AWZJ-5
Télécharger  MH8V644AWZJ-5 Click to download

Taille du fichier   174.06 Kbytes
Page   20 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description FAST PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM

MH8V644AWZJ-5 Fiches technique (HTML) - Mitsubishi Electric Semiconductor

Back Button MH8V644AWZJ-5 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor MH8V644AWZJ-5 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

MH8V644AWZJ-5 Détails du produit

DESCRIPTION
The MH8V644AWZJ is 8388608-word x 64-bit dynamic ram module. This consist of eight industry standard 8M x 8 dynamic RAMs in SOJ and one industry standard EEPROM is TSSOP.
The mounting of SOJs and TSSOP on a card edge dual in-line package provides any application where high densities and large of quantities memory are required.
This is a socket-type memory module ,suitable for easy interchange or addition of module.

FEATURES
• Utilizes industry standard 8M x 8 RAMs in SOJ and industry standard EEPROM in TSSOP
• 168-pin (84-pin dual dual in-line package)
• Single +3.3V(±0.3V) supply operation
• Low stand-by power dissipation
    8.64mW(Max) . . . . . . . . . . . . . . . . . . . LVCMOS input level
• Low operation power dissipation
    MH8V644AWZJ -5 . . . . . . . . . . . . . . . . . . 3.75W(Max)
    MH8V644AWZJ -6 . . . . . . . . . . . . . . . . . . 3.46W(Max)
• All input are directly LVTTL compatible
• All output are three-state and directly LVTTL compatible
• Includes(0.22uF x 8) decoupling capacitors
• 4096 refresh cycle every 64ms
• Fast-page mode,Read-modify-write, /CAS before /RAS refresh,Hidden refresh capabilities
• JEDEC standard pin configuration and SPD
• Gold plating contact pads

APPLICATION
   Main memory unit for computers , Microcomputer memory




Numéro de pièce similaire - MH8V644AWZJ-5

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MH8V6445BWZJ-5 MITSUBISHI-MH8V6445BWZJ-5 Datasheet
121Kb / 22P
   HYPER PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
MH8V6445BWZJ-6 MITSUBISHI-MH8V6445BWZJ-6 Datasheet
121Kb / 22P
   HYPER PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
More results


Description similaire - MH8V644AWZJ-5

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MH8V64AWZJ-5 MITSUBISHI-MH8V64AWZJ-5 Datasheet
174Kb / 20P
   FAST PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
MH8V6445BWZJ-5 MITSUBISHI-MH8V6445BWZJ-5 Datasheet
121Kb / 22P
   HYPER PAGE MODE 536870912 - BIT ( 8388608 - WORD BY 64 - BIT ) DYNAMIC RAM
MH8V72AWZJ-5 MITSUBISHI-MH8V72AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8V724AWZJ-5 MITSUBISHI-MH8V724AWZJ-5 Datasheet
175Kb / 20P
   FAST PAGE MODE 603979776 - BIT ( 8388608 - WORD BY 72 - BIT ) DYNAMIC RAM
MH8S64BALD-7 MITSUBISHI-MH8S64BALD-7 Datasheet
587Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64FFC-10 MITSUBISHI-MH8S64FFC-10 Datasheet
576Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64DBKG-6 MITSUBISHI-MH8S64DBKG-6 Datasheet
589Kb / 51P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64PHC-7 MITSUBISHI-MH8S64PHC-7 Datasheet
588Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64BBKD-10 MITSUBISHI-MH8S64BBKD-10 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
MH8S64QFC-7 MITSUBISHI-MH8S64QFC-7 Datasheet
580Kb / 55P
   536870912-BIT (8388608 - WORD BY 64-BIT)SynchronousDRAM
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com