Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MGFC45V5964A Fiches technique (PDF) - Mitsubishi Electric Semiconductor

MGFC45V5964A Datasheet PDF - Mitsubishi Electric Semiconductor
No de pièce MGFC45V5964A
Télécharger  MGFC45V5964A Télécharger

Taille du fichier   41.31 Kbytes
Page   2 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET

MGFC45V5964A Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MGFC45V5964A Datasheet PDF - Mitsubishi Electric Semiconductor

No de pièce MGFC45V5964A
Télécharger  MGFC45V5964A Click to download

Taille du fichier   41.31 Kbytes
Page   2 Pages
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description 5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET

MGFC45V5964A Fiches technique (HTML) - Mitsubishi Electric Semiconductor

MGFC45V5964A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGFC45V5964A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor

MGFC45V5964A Détails du produit

DESCRIPTION
The MGFC45V5964A is an internally impedance matched GaAs power FET especially designed for use in 5.9 - 6.4 GHz band amplifiers. The hermetically sealed metal-ceramic package guarantees high reliability.

FEATURES
   Internally matched to 50 ohm system
   High output power
      P1dB = 32W (TYP.) @ f=5.9 - 6.4 GHz
   High power gain
      GLP =9.0 dB (TYP.) @ f=5.9 - 6.4 GHz
   High power added efficiency
      P.A.E. = 33 % (TYP.) @ f=5.9 - 6.4 GHz
   Low Distortion[Item-51]
      IM3=-45 dBc(TYP.)@Po=34.5dBm S.C.L.

APPLICATION
   5.9 - 6.4 GHz band power amplifier




Numéro de pièce similaire - MGFC45V5964A

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A Datasheet
226Kb / 3P
   5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
   5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results


Description similaire - MGFC45V5964A

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
MGFC45V5964A MITSUBISHI-MGFC45V5964A_04 Datasheet
226Kb / 3P
   5.9 - 6.4 GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V6472A MITSUBISHI-MGFC45V6472A_04 Datasheet
230Kb / 3P
   6.4-7.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V6472A MITSUBISHI-MGFC45V6472A Datasheet
41Kb / 2P
   6.4-7.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3436A MITSUBISHI-MGFC45V3436A Datasheet
213Kb / 2P
   3.4 - 3.6GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45A2527B MITSUBISHI-MGFS45A2527B Datasheet
327Kb / 6P
   2.5 - 2.7GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3436A MITSUBISHI-MGFC45V3436A_04 Datasheet
220Kb / 3P
   3.4 - 3.6GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V3642A MITSUBISHI-MGFC45V3642A_04 Datasheet
230Kb / 3P
   3.6 - 4.2GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFL45V1920A MITSUBISHI-MGFL45V1920A_04 Datasheet
251Kb / 3P
   1.9 - 2.0GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFC45V5053A MITSUBISHI-MGFC45V5053A Datasheet
16Kb / 1P
   5.05 - 5.25GHz BAND 32W INTERNALLY MATCHED GaAs FET
MGFS45V2123A MITSUBISHI-MGFS45V2123A_04 Datasheet
237Kb / 2P
   2.1 - 2.3GHz BAND 32W INTERNALLY MATCHED GaAs FET
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com