Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC4064C-25T48C Fiches technique (PDF) - Lattice Semiconductor

LC4064C-25T48C Datasheet PDF - Lattice Semiconductor
No de pièce LC4064C-25T48C
Télécharger  LC4064C-25T48C Télécharger

Taille du fichier   483.61 Kbytes
Page   74 Pages
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs

LC4064C-25T48C Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
LC4064C-25T48C Datasheet PDF - Lattice Semiconductor

No de pièce LC4064C-25T48C
Télécharger  LC4064C-25T48C Click to download

Taille du fichier   483.61 Kbytes
Page   74 Pages
Fabricant  LATTICE [Lattice Semiconductor]
Site Internet  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description 3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs

LC4064C-25T48C Fiches technique (HTML) - Lattice Semiconductor

Back Button LC4064C-25T48C Datasheet HTML 1Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 2Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 3Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 4Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 5Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 6Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 7Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 8Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 9Page - Lattice Semiconductor LC4064C-25T48C Datasheet HTML 10Page - Lattice Semiconductor Next Button 

LC4064C-25T48C Détails du produit

ispMACH 4000 Introduction
The high performance ispMACH 4000 family from Lattice offers a SuperFAST CPLD solution. The family is a blend of Lattice’s two most popular architectures: the ispLSI® 2000 and ispMACH 4A. Retaining the best of both families, the ispMACH 4000 architecture focuses on significant innovations to combine the highest performance with low power in a flexible CPLD family.

Features
■ High Performance
    • fMAX = 400MHz maximum operating frequency
    • tPD = 2.5ns propagation delay
    • Up to four global clock pins with programmable clock polarity control
    • Up to 80 PTs per output
■ Ease of Design
    • Enhanced macrocells with individual clock, reset, preset and clock enable controls
    • Up to four global OE controls
    • Individual local OE control per I/O pin
    • Excellent First-Time-FitTM and refit
    • Fast path, SpeedLockingTM Path, and wide-PT path
    • Wide input gating (36 input logic blocks) for fast counters, state machines and address decoders
■ Zero Power (ispMACH 4000Z) and Low Power (ispMACH 4000V/B/C)
    • Typical static current 10µA (4032Z)
    • Typical static current 1.3mA (4000C)
    • 1.8V core low dynamic power
    • ispMACH 4000Z operational down to 1.6V VCC
■ Broad Device Offering
    • Multiple temperature range support
        – Commercial: 0 to 90°C junction (Tj)
        – Industrial: -40 to 105°C junction (Tj)
        – Extended: -40 to 130°C junction (Tj)
    • For AEC-Q100 compliant devices, refer to LA-ispMACH 4000V/Z Automotive Data Sheet
■ Easy System Integration
    • Superior solution for power sensitive consumer applications
    • Operation with 3.3V, 2.5V or 1.8V LVCMOS I/O
    • Operation with 3.3V (4000V), 2.5V (4000B) or 1.8V (4000C/Z) supplies
    • 5V tolerant I/O for LVCMOS 3.3, LVTTL, and PCI interfaces
    • Hot-socketing
    • Open-drain capability
    • Input pull-up, pull-down or bus-keeper
    • Programmable output slew rate
    • 3.3V PCI compatible
    • IEEE 1149.1 boundary scan testable
    • 3.3V/2.5V/1.8V In-System Programmable (ISP™) using IEEE 1532 compliant interface
    • I/O pins with fast setup path
    • Lead-free package options




Numéro de pièce similaire - LC4064C-25T48C

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
LC4064C-25T48C LATTICE-LC4064C-25T48C Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
More results


Description similaire - LC4064C-25T48C

FabricantNo de pièceFiches techniqueDescription
logo
Lattice Semiconductor
ISPMACH4000V LATTICE-ISPMACH4000V Datasheet
451Kb / 99P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High Density PLDs
LA-ISPMACH4000V LATTICE-LA-ISPMACH4000V Datasheet
240Kb / 42P
   3.3V/1.8V In-System Programmable SuperFAST High Density PLDs
LC4512Z LATTICE-LC4512Z Datasheet
851Kb / 91P
   3.3V/2.5V/1.8V In-System Programmable SuperFAST High density PDLs
2096VL LATTICE-2096VL Datasheet
142Kb / 11P
   2.5V In-System Programmable SuperFAST??High Density PLD
2032VL LATTICE-2032VL Datasheet
156Kb / 12P
   2.5V In-System Programmable SuperFAST??High Density PLD
2128VL LATTICE-2128VL Datasheet
214Kb / 17P
   2.5V In-System Programmable SuperFAST??High Density PLD
2064VL LATTICE-2064VL Datasheet
188Kb / 14P
   2.5V In-System Programmable SuperFAST??High Density PLD
2192VL LATTICE-2192VL Datasheet
164Kb / 13P
   2.5V In-System Programmable SuperFAST??High Density PLD
2096VE LATTICE-2096VE Datasheet
160Kb / 12P
   3.3V In-System Programmable SuperFAST??High Density PLD
2128VE LATTICE-2128VE Datasheet
234Kb / 19P
   3.3V In-System Programmable SuperFAST??High Density PLD
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com