Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

THC63LVD104S Fiches technique (PDF) - THine Electronics, Inc.

THC63LVD104S Datasheet PDF - THine Electronics, Inc.
No de pièce THC63LVD104S
Télécharger  THC63LVD104S Télécharger

Taille du fichier   143.26 Kbytes
Page   12 Pages
Fabricant  THINE [THine Electronics, Inc.]
Site Internet  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.
Description 112MHz 30Bits Color LVDS Receiver

THC63LVD104S Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
THC63LVD104S Datasheet PDF - THine Electronics, Inc.

No de pièce THC63LVD104S
Télécharger  THC63LVD104S Click to download

Taille du fichier   143.26 Kbytes
Page   12 Pages
Fabricant  THINE [THine Electronics, Inc.]
Site Internet  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.
Description 112MHz 30Bits Color LVDS Receiver

THC63LVD104S Fiches technique (HTML) - THine Electronics, Inc.

Back Button THC63LVD104S Datasheet HTML 1Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 2Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 3Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 4Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 5Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 6Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 7Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 8Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 9Page - THine Electronics, Inc. THC63LVD104S Datasheet HTML 10Page - THine Electronics, Inc. Next Button 

THC63LVD104S Détails du produit

General Description

The THC63LVD104S receiver is designed to support pixel data transmission between Host and Flat Panel Display from NTSC up to SXGA resolutions. The THC63LVD104S converts the LVDS data streams back into 35bits of CMOS/TTL data with rising edge or falling edge clock for convenient with a variety of LCD panel controllers.At a transmit clock frequency of 112MHz, 30bits of RGB data and 5bits of timing and control data (HSYNC,VSYNC,DE,CNTL1,CNTL2) are transmitted at an effective rate of 784Mbps per LVDS channel.Using a 112MHz clock, the data throughput is 490Mbytes per second.



Features

• Wide dot clock range: 8-112MHz suited for NTSC, VGA, SVGA, XGA, and SXGA

• PLL requires no external components

• 50% output clock duty cycle

• TTL clock edge and position programmable(3 step)

• Power down mode

• Low power single 2.5V CMOS design

• TQFP 64pin

• Pin compatible with THC63LVD104A

• Fail-safe for Open CLK Input




Numéro de pièce similaire - THC63LVD104S

FabricantNo de pièceFiches techniqueDescription
logo
THine Electronics, Inc.
THC63LVD104 THINE-THC63LVD104 Datasheet
85Kb / 13P
   90MHz 30Bits COLOR LVDS Receiver
THC63LVD104A THINE-THC63LVD104A Datasheet
85Kb / 13P
   90MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
More results


Description similaire - THC63LVD104S

FabricantNo de pièceFiches techniqueDescription
logo
THine Electronics, Inc.
THC63LVD104C THINE-THC63LVD104C_15 Datasheet
273Kb / 14P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104C THINE-THC63LVD104C Datasheet
126Kb / 13P
   112MHz 30Bits COLOR LVDS Receiver
THC63LVD104 THINE-THC63LVD104 Datasheet
85Kb / 13P
   90MHz 30Bits COLOR LVDS Receiver
THC63LVD103D THINE-THC63LVD103D Datasheet
110Kb / 12P
   160MHz 30Bits COLOR LVDS Transmitter
logo
Rohm
BU7878KVT ROHM-BU7878KVT Datasheet
146Kb / 6P
   90MHz 30BITS COLOR LVDS TRANSMITTER
logo
THine Electronics, Inc.
THC63LVD103 THINE-THC63LVD103 Datasheet
107Kb / 12P
   135MHz 30Bits COLOR LVDS Transmitter
THC63LVDR84C THINE-THC63LVDR84C_16 Datasheet
456Kb / 15P
   24bit Color LVDS Receiver
THC63LVD824A THINE-THC63LVD824A_14 Datasheet
148Kb / 14P
   Single(112MHz)/Dual(170MHz) Link LVDS Receiver for XGA/SXGA/SXGA/UXGA
THC63LVD824A THINE-THC63LVD824A Datasheet
295Kb / 15P
   Single(112MHz)/Dual(170MHz) Link LVDS Receiver for XGA/SXGA/SXGA/UXGA
THC63LVDF84B THINE-THC63LVDF84B_16 Datasheet
1Mb / 16P
   24bit COLOR LVDS RECEIVER (Falling Edge Clock)
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com