Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HS69SPDT312 Fiches technique (PDF) - Eudyna Devices Inc

HS69SPDT312 Datasheet PDF - Eudyna Devices Inc
No de pièce HS69SPDT312
Télécharger  HS69SPDT312 Télécharger

Taille du fichier   137.82 Kbytes
Page   4 Pages
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz

HS69SPDT312 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HS69SPDT312 Datasheet PDF - Eudyna Devices Inc

No de pièce HS69SPDT312
Télécharger  HS69SPDT312 Click to download

Taille du fichier   137.82 Kbytes
Page   4 Pages
Fabricant  EUDYNA [Eudyna Devices Inc]
Site Internet  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc
Description Single Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz

HS69SPDT312 Fiches technique (HTML) - Eudyna Devices Inc

HS69SPDT312 Datasheet HTML 1Page - Eudyna Devices Inc HS69SPDT312 Datasheet HTML 2Page - Eudyna Devices Inc HS69SPDT312 Datasheet HTML 3Page - Eudyna Devices Inc HS69SPDT312 Datasheet HTML 4Page - Eudyna Devices Inc

HS69SPDT312 Détails du produit

DESCRIPTION
HS/M69SPDT312 is a single-pole double-throw (SPDT) GaAs PHEMT switch designed WLAN and WiMAX transmit / receive switching applicattion. HS/M69SPDT312 is ideally suited for applications where low profile and small size are critical. It also features high linearity, low control voltage, low insertion loss, and high isolation. The device is in low-cost miniature 12-lead 3.0mm x 3.0mm package.

FEATURES
• Low Insertion Loss: 0.55 dB at 2.4 GHz
                                 : 0.75 dB at 5.9 GHz
• High Isolation : 25 dB at 2.4 GHz
                         : 22 dB at 5.9 GHz
• GaAs PHEMT technology
• Miniature QFN-12 Plastic Package

APPLICATIONS
• WLAN 802.11a,b,g / WiMAX 802.16d T/R Switching




Numéro de pièce similaire - HS69SPDT312

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
HS6-10 ETC2-HS6-10 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS6-12 ETC2-HS6-12 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS6-14 ETC2-HS6-14 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS6-16 ETC2-HS6-16 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
HS6-4 ETC2-HS6-4 Datasheet
130Kb / 1P
   HEX SPACER STANDOFFS
More results


Description similaire - HS69SPDT312

FabricantNo de pièceFiches techniqueDescription
logo
Eudyna Devices Inc
ESM5322ZU EUDYNA-ESM5322ZU Datasheet
55Kb / 3P
   Double Pole Double Throw GaAs PHEMT Switch 0.1 - 6 GHz
ESMM5320ZW EUDYNA-ESMM5320ZW Datasheet
37Kb / 4P
   Single-Pole Double-Throw Switch GaAs PHEMT High Power Switch DC - 2.0 GHz
ESM5328ZW EUDYNA-ESM5328ZW Datasheet
35Kb / 3P
   Single Pole Double Throw Switch 0.1 - 6 GHz Wireless LAN Transmit / Receive Applications
FMM5309ZU EUDYNA-FMM5309ZU Datasheet
86Kb / 4P
   Single Pole Three Throw GaAs PHEMT High Power Switch 0.5 - 2.5 GHz
logo
Tyco Electronics
MASWGM0003-DIE MACOM-MASWGM0003-DIE Datasheet
93Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-8.0 GHz
MASWGM0005-DIE MACOM-MASWGM0005-DIE Datasheet
153Kb / 5P
   Switch, Single-Pole, Double-Throw DC-5.0 GHz
MASWGM0002-DIE MACOM-MASWGM0002-DIE Datasheet
128Kb / 5P
   Switch, Single-Pole, Double-Throw 2.0-20.0 GHz
logo
Skyworks Solutions Inc.
AS213-92 SKYWORKS-AS213-92_08 Datasheet
240Kb / 4P
   PHEMT GaAs IC SPDT Switch 0.1?? GHz
AS218-000 SKYWORKS-AS218-000 Datasheet
129Kb / 4P
   PHEMT GaAs IC High-Power Transfer Switch 0.1-6 GHz
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results




À propos de Eudyna Devices Inc


Eudyna Devices Inc. is a semiconductor company that specializes in the design, development, and production of high-frequency, high-power, and high-reliability semiconductor devices. The company was founded in 1999 in Japan and has since expanded globally, with subsidiaries in the United States, Europe, and Asia.

Eudyna Devices Inc. produces a wide range of products, including microwave and millimeter-wave transistors, amplifiers, and diodes, which are used in various applications such as wireless communications, satellite broadcasting, and radar systems. The company's products are known for their high performance and reliability, and they are used by major companies in the telecommunications and defense industries.

In 2015, Eudyna Devices Inc. merged with Fujitsu Electronics Inc. to form the new company, Fujitsu Electronics Inc. The company continues to operate under the Fujitsu brand, and its products are marketed under the name Fujitsu RF Devices.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com