Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MX26L6419 Fiches technique (PDF) - Macronix International

MX26L6419 Datasheet PDF - Macronix International
No de pièce MX26L6419
Télécharger  MX26L6419 Télécharger

Taille du fichier   436.29 Kbytes
Page   45 Pages
Fabricant  MCNIX [Macronix International]
Site Internet  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M [x16] SINGLE 3V PAGE MODE MTP MEMORY

MX26L6419 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MX26L6419 Datasheet PDF - Macronix International

No de pièce MX26L6419
Télécharger  MX26L6419 Click to download

Taille du fichier   436.29 Kbytes
Page   45 Pages
Fabricant  MCNIX [Macronix International]
Site Internet  http://www.macronix.com
Logo MCNIX - Macronix International
Description 64M [x16] SINGLE 3V PAGE MODE MTP MEMORY

MX26L6419 Fiches technique (HTML) - Macronix International

Back Button MX26L6419 Datasheet HTML 1Page - Macronix International MX26L6419 Datasheet HTML 2Page - Macronix International MX26L6419 Datasheet HTML 3Page - Macronix International MX26L6419 Datasheet HTML 4Page - Macronix International MX26L6419 Datasheet HTML 5Page - Macronix International MX26L6419 Datasheet HTML 6Page - Macronix International MX26L6419 Datasheet HTML 7Page - Macronix International MX26L6419 Datasheet HTML 8Page - Macronix International MX26L6419 Datasheet HTML 9Page - Macronix International MX26L6419 Datasheet HTML 10Page - Macronix International Next Button 

MX26L6419 Détails du produit

GENERAL DESCRIPTION
The MXICs MX26L6419 series MTP use the most advance 2 bits/cell Nbit technology, double the storage capacity of memory cell. The device provide the high density MTP memory solution with reliable performance and most cost-effective.
The device organized as by 16 bits of output bus. The device is packaged in 48-Lead TSOP. It is designed to be reprogrammed and erased in system or in standard EPROM programmers.

FEATURES
• 3.0V to 3.6V operation voltage
• Block Structure
    - 64 x 64Kword Erase Blocks
• Fast random / page mode access time
    - 100/25 ns Read Access Time (page depth:8-word)
• 128-bit Protection Register
    - 64-bit Unique Device Identifier
    - 64-bit User Programmable OTP Cells
• 16-Word Write Buffer
    - 14 us/word Effective Programming Time
• Enhanced Data Protection Features Absolute Protection with VPEN = GND
    - Flexible Block Locking
    - Block Erase/Program Lockout during Power Transitions

Performance
• Low power dissipation
    - typical 15mA active current for page mode read
    - 80uA/(max.) standby current
• High Performance
    - Block erase time: 2s typ.
    - Word programming time: 210us typ.
    - Block programming time: 0.8s typ. (using Write to Buffer Command)
• Program/Erase Endurance cycles: 100 cycles

Software Feature
• Support Common Flash Interface (CFI)
    - MTP device parameters stored on the device and provide the host system to access.

Hardware Feature
• ACC pin
    - 12V VPP for fast program/erase mode.
• VPEN pin
    - For Erase /Program/ Block Lock enable.
• VCCQ Pin
    - The output buffer power supply, control the device s output voltage.
• RESET pin
    - Hardware reset

Packaging
    - 48-Lead TSOP

Technology
    - Two bits per cell Nbit (0.25u) MTP Technology




Numéro de pièce similaire - MX26L6419

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX26L6420 MCNIX-MX26L6420 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420MC-12 MCNIX-MX26L6420MC-12 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420MC-90 MCNIX-MX26L6420MC-90 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420MI-12 MCNIX-MX26L6420MI-12 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
MX26L6420MI-90 MCNIX-MX26L6420MI-90 Datasheet
1Mb / 39P
   64M-BIT [4M x 16] CMOS MULTIPLE-TIME-PROGRAMMABLE EPROM
More results


Description similaire - MX26L6419

FabricantNo de pièceFiches techniqueDescription
logo
Macronix International
MX26F640J3 MCNIX-MX26F640J3 Datasheet
430Kb / 47P
   64M [x8/x16] SINGLE 3V PAGE MODE eLiteFlashTM MEMORY
logo
List of Unclassifed Man...
MX26L12811MC ETC1-MX26L12811MC Datasheet
248Kb / 32P
   128M [x8/x16] SINGLE 3V PAGE MODE MTP MEMORY
MX28F128J3 ETC1-MX28F128J3 Datasheet
35Kb / 6P
   128M [x8/x16] SINGLE 3V PAGE MODE FLASH MEMORY
logo
SPANSION
MB84VP23481FK-70 SPANSION-MB84VP23481FK-70 Datasheet
889Kb / 67P
   64M (X16) Page FLASH MEMORY & 32M (X16) Mobile FCRAMTM
logo
Macronix International
MX28F640C3T MCNIX-MX28F640C3T Datasheet
638Kb / 44P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX28F640C3BT MCNIX-MX28F640C3BT Datasheet
295Kb / 41P
   64M-BIT [4M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
List of Unclassifed Man...
MX26F128J3 ETC1-MX26F128J3 Datasheet
425Kb / 47P
   Macronix NBit TM Memory Family 128M [x8/x16] SINGLE 3V PAGE MODE eLiteFlash TM MEMORY
logo
Sharp Corporation
LH28F640BFHG-PBTLZ7 SHARP-LH28F640BFHG-PBTLZ7 Datasheet
755Kb / 36P
   64M (x16) Flash Memory
logo
SPANSION
MB84SD23280FA SPANSION-MB84SD23280FA Datasheet
428Kb / 40P
   64M (X16) FLASH MEMORY 8M (X16) SRAM
MB84VD23381HJ SPANSION-MB84VD23381HJ Datasheet
851Kb / 56P
   64M (X16) FLASH MEMORY & 16M (X16) Mobile FCRAM
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com