Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CM3109 Fiches technique (PDF) - California Micro Devices Corp

CM3109 Datasheet PDF - California Micro Devices Corp
No de pièce CM3109
Télécharger  CM3109 Télécharger

Taille du fichier   542.88 Kbytes
Page   12 Pages
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination

CM3109 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
CM3109 Datasheet PDF - California Micro Devices Corp

No de pièce CM3109
Télécharger  CM3109 Click to download

Taille du fichier   542.88 Kbytes
Page   12 Pages
Fabricant  CALMIRCO [California Micro Devices Corp]
Site Internet  http://www.calmicro.com
Logo CALMIRCO - California Micro Devices Corp
Description 2A Sink/Source Regulator for Front Side Bus and DDR Memory Bus Termination

CM3109 Fiches technique (HTML) - California Micro Devices Corp

Back Button CM3109 Datasheet HTML 1Page - California Micro Devices Corp CM3109 Datasheet HTML 2Page - California Micro Devices Corp CM3109 Datasheet HTML 3Page - California Micro Devices Corp CM3109 Datasheet HTML 4Page - California Micro Devices Corp CM3109 Datasheet HTML 5Page - California Micro Devices Corp CM3109 Datasheet HTML 6Page - California Micro Devices Corp CM3109 Datasheet HTML 7Page - California Micro Devices Corp CM3109 Datasheet HTML 8Page - California Micro Devices Corp CM3109 Datasheet HTML 9Page - California Micro Devices Corp CM3109 Datasheet HTML 10Page - California Micro Devices Corp Next Button 

CM3109 Détails du produit

Product Description
The CM3109 is a sinking and sourcing regulator specifically designed for series-parallel bus termination for high speed chip set buses as well as DDR memory systems. It can source and sink current up to 2A with high accuracy of 0.5 %. The VTT output voltage is selectable by VDDQSEL and FSBSEL pins. The VDDQSEL pin controls whether the CM3109 is in DDR memory mode with VTT = VDDQ/2, or in FSB mode. In FSB mode, FSBSEL controls whether VTT is 1.225V or 1.45V. This allows the same chip to be used in two different circuits on PC motherboards that support both Northwood and Prescott processors.

Features
• Ideal for both PC Front Side Bus and DDR memory VTT applications
• Sinks and sources 2A
• Over current protection
• Over temperature protection
• Shutdown function
• Integrated power MOSFETs
• Excellent accuracy (0.5% of load regulation)
• Minimum external components
• 8 pin PSOP package
• Lead-free version available

Applications
• PC Front Side Bus termination regulator
• DDR Memory termination regulator
• Active termination buses
• Graphics card DDR memory termination




Numéro de pièce similaire - CM3109

FabricantNo de pièceFiches techniqueDescription
logo
Chicago Miniature Lamp,...
CM310 CML-CM310 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM310 VCC-CM310 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
logo
California Micro Device...
CM3102 CALMIRCO-CM3102 Datasheet
236Kb / 9P
   Micropower 1.2V/150mA CMOS LDO Regulator with Power Good
logo
Chicago Miniature Lamp,...
CM3102 CML-CM3102 Datasheet
227Kb / 1P
   S-11 Double Contact Bayonet Base
logo
Visual Communications C...
CM3102 VCC-CM3102 Datasheet
32Kb / 1P
   Contact Bayonet Base Wire Terminal
More results


Description similaire - CM3109

FabricantNo de pièceFiches techniqueDescription
logo
California Micro Device...
CM3107 CALMIRCO-CM3107 Datasheet
1Mb / 13P
   2 Amp Source/ Sink Bus Termination Regulator for DDR Memory and Front Side Bus Applications
CM3196 CALMIRCO-CM3196 Datasheet
362Kb / 13P
   2A Sink/Source DDR-I, -II Bus Termination Regulator
logo
Eutech Microelectronics...
EUP7171 EUTECH-EUP7171 Datasheet
226Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1250CMP A-POWER-AP1250CMP Datasheet
427Kb / 5P
   2A Sink/Source Bus Termination Regulator
AP1280AMP A-POWER-AP1280AMP Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Excelliance MOS Corp.
EM5049 EXCELLIANCE-EM5049 Datasheet
1Mb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Seaward Electronics Inc...
SE9175 SEAWARD-SE9175 Datasheet
961Kb / 10P
   2A Sink/Source Bus Termination Regulator
logo
Advanced Power Electron...
AP1280AMP A-POWER-AP1280AMP_14 Datasheet
202Kb / 5P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
AP1280AMP A-POWER-AP1280AMP_16 Datasheet
375Kb / 7P
   2A SINK/SOURCE BUS TERMINATION REGULATOR
logo
Seaward Electronics Inc...
SE9174C SEAWARD-SE9174C Datasheet
326Kb / 6P
   2A Sink/Source Bus Termination Regulator
More results




À propos de California Micro Devices Corp


California Micro Devices Corp (CMD) was a semiconductor company that was headquartered in Milpitas, California, USA. The company specialized in the design and manufacture of protection devices, interface products, and mixed-signal integrated circuits for the consumer, computing, and communications markets.

CMD's products included ESD (Electrostatic Discharge) protection devices, TVS (Transient Voltage Suppression) diodes, and low-capacitance EMI (Electromagnetic Interference) filters. These products were used to protect electronic circuits from damage caused by electrostatic discharge, voltage transients, and electromagnetic interference.

CMD was founded in 1986 and became a publicly-traded company in 1993. In 2012, CMD was acquired by ON Semiconductor, a leading supplier of semiconductor-based solutions. Today, many of CMD's products are sold under ON Semiconductor's brand.

Overall, CMD was a trusted and reputable supplier of protection devices and interface products, with a strong reputation for quality and reliability.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com