Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RB520S-30C2 Fiches technique (PDF) - Cystech Electonics Corp.

RB520S-30C2 Datasheet PDF - Cystech Electonics Corp.
No de pièce RB520S-30C2
Télécharger  RB520S-30C2 Télécharger

Taille du fichier   162.49 Kbytes
Page   3 Pages
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Small Signal Schottky diode

RB520S-30C2 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
RB520S-30C2 Datasheet PDF - Cystech Electonics Corp.

No de pièce RB520S-30C2
Télécharger  RB520S-30C2 Click to download

Taille du fichier   162.49 Kbytes
Page   3 Pages
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Small Signal Schottky diode

RB520S-30C2 Fiches technique (HTML) - Cystech Electonics Corp.

RB520S-30C2 Datasheet HTML 1Page - Cystech Electonics Corp. RB520S-30C2 Datasheet HTML 2Page - Cystech Electonics Corp. RB520S-30C2 Datasheet HTML 3Page - Cystech Electonics Corp.

RB520S-30C2 Détails du produit

Description
These devices are designed for high speed switching applications, circuit protection, and voltage clamping. Extremely low forward voltage reduces conduction loss. Miniature surface mount package is excellent for hand held and portable applications where space is limited.

Features
• Extremely small surface mounting type.(SC-79/SOD523)
• Extremely fast switching speed
• Low reverse current
• Extremely low forward voltage.(VF=0.6V max. at 200mA)




Numéro de pièce similaire - RB520S-30C2

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
logo
Rohm
RB520S-30 ROHM-RB520S-30 Datasheet
676Kb / 4P
   Schottky barrier diode
logo
Comchip Technology
RB520S-30 COMCHIP-RB520S-30 Datasheet
106Kb / 4P
   SMD Schottky Barrier Diodes
logo
Rohm
RB520S-30 ROHM-RB520S-30 Datasheet
408Kb / 4P
   Schottky barrier diode
logo
UN Semiconducctor INC
RB520S-30 UNSEMI-RB520S-30 Datasheet
2Mb / 4P
   SOD-523 Plastic-Encapsulate Diodes
Revision March 1,2022
More results


Description similaire - RB520S-30C2

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com