Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLA-18-6004 Fiches technique (PDF) - Teledyne Technologies Incorporated

TLA-18-6004 Datasheet PDF - Teledyne Technologies Incorporated
No de pièce TLA-18-6004
Télécharger  TLA-18-6004 Télécharger

Taille du fichier   893.69 Kbytes
Page   2 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Low Noise Amplifier 6 GHz - 18 GHz

TLA-18-6004 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
TLA-18-6004 Datasheet PDF - Teledyne Technologies Incorporated

No de pièce TLA-18-6004
Télécharger  TLA-18-6004 Click to download

Taille du fichier   893.69 Kbytes
Page   2 Pages
Fabricant  TELEDYNE [Teledyne Technologies Incorporated]
Site Internet  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated
Description Low Noise Amplifier 6 GHz - 18 GHz

TLA-18-6004 Fiches technique (HTML) - Teledyne Technologies Incorporated

TLA-18-6004 Datasheet HTML 1Page - Teledyne Technologies Incorporated TLA-18-6004 Datasheet HTML 2Page - Teledyne Technologies Incorporated

TLA-18-6004 Détails du produit

Low Noise Amplifier 6 GHz - 18 GHz

This Low Noise Amplifier offers low Noise figure performance of 3.2 dB over the band 6 GHz to 18 GHz with 21 dB Gain.

Teledyne Microwave amplifiers are balanced or feedback designs and manufactured with the latest MIC & MMIC technology. The GaAs FET’s used in these amplifiers are well established proven devices from multiple sources.

Teledyne Microwave offers a complete line of Narrow and broadband Amplifiers covering the frequency range 500 MHz to 40 GHz. These products are available in either connectorized packages or as modules. For a complete list of these products and more, please visit our website.

Other products from Teledyne Microwave include: Transceivers, Synthesizers, and YIG Products




Numéro de pièce similaire - TLA-18-6004

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6007 TELEDYNE-TLA-18-6007 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
More results


Description similaire - TLA-18-6004

FabricantNo de pièceFiches techniqueDescription
logo
Teledyne Technologies I...
TLA-18-6005 TELEDYNE-TLA-18-6005 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6006 TELEDYNE-TLA-18-6006 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6007 TELEDYNE-CLA-18-6007 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6004 TELEDYNE-CLA-18-6004 Datasheet
898Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6005 TELEDYNE-CLA-18-6005 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
CLA-18-6006 TELEDYNE-CLA-18-6006 Datasheet
896Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
TLA-18-6007 TELEDYNE-TLA-18-6007 Datasheet
891Kb / 2P
   Low Noise Amplifier 6 GHz - 18 GHz
logo
Qorvo, Inc
CMD328K3 QORVO-CMD328K3 Datasheet
509Kb / 10P
   6-18 GHz Low Noise Amplifier
logo
Custom MMIC Design Serv...
CMD264 MMIC-CMD264 Datasheet
571Kb / 10P
   6-18 GHz Low Noise Amplifier
CMD157 MMIC-CMD157 Datasheet
214Kb / 9P
   6-18 GHz Low Noise Amplifier
More results



Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com