Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN7190NZ Fiches technique (PDF) - Panasonic Semiconductor

AN7190NZ Datasheet PDF - Panasonic Semiconductor
No de pièce AN7190NZ
Télécharger  AN7190NZ Télécharger

Taille du fichier   55.8 Kbytes
Page   5 Pages
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 20 W BTL power amplifier

AN7190NZ Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
AN7190NZ Datasheet PDF - Panasonic Semiconductor

No de pièce AN7190NZ
Télécharger  AN7190NZ Click to download

Taille du fichier   55.8 Kbytes
Page   5 Pages
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Dual 20 W BTL power amplifier

AN7190NZ Fiches technique (HTML) - Panasonic Semiconductor

AN7190NZ Datasheet HTML 1Page - Panasonic Semiconductor AN7190NZ Datasheet HTML 2Page - Panasonic Semiconductor AN7190NZ Datasheet HTML 3Page - Panasonic Semiconductor AN7190NZ Datasheet HTML 4Page - Panasonic Semiconductor AN7190NZ Datasheet HTML 5Page - Panasonic Semiconductor

AN7190NZ Détails du produit

Dual 20 W BTL power amplifier



■Overview

The AN7190NK and the AN7190NZ are audio power ICs developed for the sound output of car audio (dual 20 W). It is incorporating various protective circuits to protect the IC from destruction by GND-open, short circuit to GND and power supply surge which are the important subject of power IC protection, so the IC will largely contribute to a high reliability design of equipment. Also, it is incorporating a perfect muting circuit which is free from shock noise, so that a shock noise design under the set transient condition can be made easily using together with its standby function.



■Features

•BTL 20 W ×2-channel (4 Ω), GV =40 dB

•Built-in various protection circuits (thermal protection, short circuit to VCCand short circuit to GND, VCC-open short circuit to VCC, GND-open short circuit to GND, overvoltage and supply surge, and ASO, etc.)

  Especially, the supply surge breakdown voltage is 100 V or more.

  GND open breakdown voltage is 16 V or more.

•Built-in standby function

  Free from shock noise at STB on/off.

•Built-in muting function

  Free from shock noise at mute-on/off.

  Adapting attenuator method so that abnormal sound due to waveform deformation is not generated .

  Attack time, recovery time are 50 ms or less.

•Reduction in external components

  It eliminates the need for NF and BS electrolytic capacitors.

  Muting function is not required, and power supply choke coil is unnecessary.

•Provided with beep sound input pin

•2 Ωload guaranteed



■Applications

•Car audio




Numéro de pièce similaire - AN7190NZ

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AN7190K ETC2-AN7190K Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results


Description similaire - AN7190NZ

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
AN7191NZ PANASONIC-AN7191NZ Datasheet
146Kb / 16P
   Dual 20 W BTL audio power amplifier
logo
STMicroelectronics
TDA7491HV STMICROELECTRONICS-TDA7491HV Datasheet
933Kb / 26P
   20 W 20 W dual BTL class-D audio amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
   DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
LA4628 SANYO-LA4628 Datasheet
98Kb / 8P
   Two-Channel 20 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7199Z PANASONIC-AN7199Z Datasheet
131Kb / 17P
   Dual 20 W BTL power IC for car audio
AN7198Z PANASONIC-AN7198Z Datasheet
148Kb / 20P
   Dual 20 W BTL Power IC for Car Audio
logo
Hitachi Semiconductor
HA13118 HITACHI-HA13118 Datasheet
50Kb / 8P
   18 W BTL Audio Power Amplifier
logo
Panasonic Semiconductor
AN7511 PANASONIC-AN7511 Datasheet
160Kb / 9P
   1-W BTL audio power amplifier
AN7164 PANASONIC-AN7164 Datasheet
39Kb / 3P
   30 W BTL audio power amplifier
More results




À propos de Panasonic Semiconductor


Panasonic Semiconductor est une filiale de Panasonic Corporation, une société d'électronique japonaise.
Panasonic Semiconductor fournit une large gamme de produits, notamment des microcontrôleurs, des capteurs, des circuits intégrés de gestion de l'alimentation et d'autres composants électroniques pour diverses applications sur les marchés automobiles, industriels et consommateurs.
La société est connue pour son accent sur la qualité et la fiabilité, et ses produits sont largement utilisés dans la gestion de l'alimentation, l'éclairage et d'autres applications.
Panasonic Semiconductor a des opérations dans plusieurs pays et est l'un des principaux fournisseurs de composants électroniques dans la région Asie-Pacifique.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com