Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC68HC05X4 Fiches technique (PDF) - Motorola, Inc

MC68HC05X4 Datasheet PDF - Motorola, Inc
No de pièce MC68HC05X4
Télécharger  MC68HC05X4 Télécharger

Taille du fichier   864.67 Kbytes
Page   156 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC05X4 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC68HC05X4 Datasheet PDF - Motorola, Inc

No de pièce MC68HC05X4
Télécharger  MC68HC05X4 Click to download

Taille du fichier   864.67 Kbytes
Page   156 Pages
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description HCMOS Microcontroller Unit

MC68HC05X4 Fiches technique (HTML) - Motorola, Inc

Back Button MC68HC05X4 Datasheet HTML 1Page - Motorola, Inc MC68HC05X4 Datasheet HTML 2Page - Motorola, Inc MC68HC05X4 Datasheet HTML 3Page - Motorola, Inc MC68HC05X4 Datasheet HTML 4Page - Motorola, Inc MC68HC05X4 Datasheet HTML 5Page - Motorola, Inc MC68HC05X4 Datasheet HTML 6Page - Motorola, Inc MC68HC05X4 Datasheet HTML 7Page - Motorola, Inc MC68HC05X4 Datasheet HTML 8Page - Motorola, Inc MC68HC05X4 Datasheet HTML 9Page - Motorola, Inc MC68HC05X4 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC68HC05X4 Détails du produit

The MC68HC05X4 with on-board controller area network (CAN) module is designed around the industry standard M68HC05 CPU core with its familiar and efficient instruction set. The Motorola CAN module (MCAN) is complete with line interface circuitry, comprising output drivers, input comparators and a VDD/2 generator. The module can handle all the communication transactions flowing across a serial bus structure with minimal CPU intervention. Other features of the device include a 16-bit programmable timer, a 15-stage multi-purpose core timer and a computer operating properly (COP) watchdog timer. The MC68HC05X4 has two modes of operation, namely single chip and bootloader mode.



Features

• Fully static design featuring the industry standard M68HC05 core

• On-chip oscillator with divide-by-2 or divide-by-10 option

• 4096 bytes of ROM (MC68HC05X4); 4096 bytes EPROM (MC68HC705X4)

• 176 bytes of RAM

• Single chip and bootloader modes of operation

• Power saving STOP and WAIT modes

• Motorola controller area network module (MCAN) with line interface circuitry (output drivers, input comparators, VDD/2 generator)

• Extended temperature range: – 40°C to +125°C

• 16-bit programmable timer with input capture and output compare

• Multi-purpose core timer with computer operating properly (COP) watchdog and real time interrupt (RTI)

• Four hardware and one software interrupt sources

• 16 bi-directional I/O lines with wired-OR interrupt (WOI) capability

• Mask options for oscillator division ratio and COP disable

• 28-pin SOIC package




Numéro de pièce similaire - MC68HC05X4

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC68HC05X4 FREESCALE-MC68HC05X4 Datasheet
3Mb / 156P
   HCMOS Microcontroller Unit
MC68HC05X4CDW FREESCALE-MC68HC05X4CDW Datasheet
3Mb / 156P
   HCMOS Microcontroller Unit
MC68HC05X4DW FREESCALE-MC68HC05X4DW Datasheet
3Mb / 156P
   HCMOS Microcontroller Unit
More results


Description similaire - MC68HC05X4

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC68HC908RF2 MOTOROLA-MC68HC908RF2 Datasheet
1Mb / 254P
   HCMOS Microcontroller Unit
MC68HC705JP7 MOTOROLA-MC68HC705JP7 Datasheet
3Mb / 242P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC05P9A FREESCALE-MC68HC05P9A Datasheet
1Mb / 158P
   HCMOS Microcontroller Unit
logo
Motorola, Inc
MC68HC08JK1 MOTOROLA-MC68HC08JK1 Datasheet
2Mb / 198P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC08P4 FREESCALE-MC68HC08P4 Datasheet
6Mb / 96P
   HCMOS MICROCONTROLLER UNIT
logo
Motorola, Inc
MC68HC08AZ32A MOTOROLA-MC68HC08AZ32A Datasheet
3Mb / 456P
   HCMOS Microcontroller Unit
MC68HC705KJ1 MOTOROLA-MC68HC705KJ1 Datasheet
1Mb / 144P
   HCMOS Microcontroller Unit
logo
Freescale Semiconductor...
MC68HC908AS60 FREESCALE-MC68HC908AS60 Datasheet
5Mb / 454P
   HCMOS Microcontroller Unit
MC68HC05K0 FREESCALE-MC68HC05K0 Datasheet
1Mb / 154P
   HCMOS Microcontroller Unit
MC68HC11K4 FREESCALE-MC68HC11K4 Datasheet
17Mb / 229P
   HCMOS MICROCONTROLLER UNIT
MC68HC11L6 FREESCALE-MC68HC11L6 Datasheet
10Mb / 172P
   HCMOS MICROCONTROLLER UNIT
More results




À propos de Motorola, Inc


Motorola, Inc. était une société américaine de télécommunications multinationales fondée en 1928. Elle était basée à Schaumburg, Illinois et était l'un des plus grands fournisseurs de téléphones portables, d'équipement de télécommunication et de semi-conducteurs. Tout au long de son histoire, Motorola était connue pour son innovation dans le domaine des télécommunications, notamment le développement du premier téléphone cellulaire disponible dans le monde, le Dynatac, et le premier pager à double sens au monde, le Pageboy.

En 2011, Motorola s'est divisée en deux sociétés distinctes: Motorola Mobility et Motorola Solutions. Motorola Mobility a ensuite été acquise par Google en 2012 et est maintenant une filiale de Lenovo. Motorola Solutions se concentre sur les solutions de sécurité publique et de communication commerciale et industrielle. La société propose une large gamme de produits, notamment des radios bidirectionnelles, des appareils informatiques mobiles et des équipements d'infrastructure réseau.

Motorola était l'un des pionniers de l'industrie du téléphone portable et a une riche histoire d'innovation et de progrès technologiques. L'héritage de l'entreprise se poursuit par le biais de ses filiales et sa technologie et ses produits continuent d'être utilisés dans le monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com