Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N4109URTR Fiches technique (PDF) - Microsemi Corporation

1N4109URTR Datasheet PDF - Microsemi Corporation
No de pièce 1N4109URTR
Télécharger  1N4109URTR Télécharger

Taille du fichier   189.46 Kbytes
Page   3 Pages
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description GLASS SURFACE MOUNT 0.5 WATT ZENERS

1N4109URTR Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
1N4109URTR Datasheet PDF - Microsemi Corporation

No de pièce 1N4109URTR
Télécharger  1N4109URTR Click to download

Taille du fichier   189.46 Kbytes
Page   3 Pages
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description GLASS SURFACE MOUNT 0.5 WATT ZENERS

1N4109URTR Fiches technique (HTML) - Microsemi Corporation

1N4109URTR Datasheet HTML 1Page - Microsemi Corporation 1N4109URTR Datasheet HTML 2Page - Microsemi Corporation 1N4109URTR Datasheet HTML 3Page - Microsemi Corporation

1N4109URTR Détails du produit

DESCRIPTION

The 1N4099UR thru 1N4135UR and 1N4614UR thru 1N4627UR series of 0.5 watt glass surface mount DO-213AA Zener voltage regulators provides a selection from 1.8 to 100 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These are also available with an internal-metallurgical-bond option by adding a “-1” suffix (see separate data sheet) including JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.



FEATURES

• Surface mount equivalent to JEDEC registered 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series

• Internal metallurgical bond option available by adding a “-1” suffix that also includes JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/435 (see separate data sheet for same part numbers with “-1” suffix)

• DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series



APPLICATIONS / BENEFITS

• Regulates voltage over a broad operating current and temperature range

• Extensive selection from 1.8 to 100 V

• Standard voltage tolerances are plus/minus 5% with no suffix

• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively

• Hermetically sealed surface mount package

• Nonsensitive to ESD per MIL-STD-750 Method 1020

• Minimal capacitance (see Figure 3)

• Inherently radiation hard as described in Microsemi MicroNote 050



 




Numéro de pièce similaire - 1N4109URTR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N4109UR-1 MICROSEMI-1N4109UR-1 Datasheet
109Kb / 2P
   SILICON 400mA LOW NOISE ZENER DIODES
logo
M/A-COM Technology Solu...
1N4109UR-1 MA-COM-1N4109UR-1 Datasheet
892Kb / 4P
   Low Noise Zener Diode Series
logo
Microsemi Corporation
1N4109UR-1 MICROSEMI-1N4109UR-1 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
More results


Description similaire - 1N4109URTR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
   METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
   One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
   0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
More results




À propos de Microsemi Corporation


Microsemi Corporation était une entreprise américaine spécialisée dans la conception et la fabrication de solutions de semi-conducteurs et de systèmes.
La société a été fondée en 1960 et a eu son siège à Aliso Viejo, en Californie.
Microsemi a fourni une large gamme de produits, notamment des circuits intégrés analogiques et de signaux mixtes, des réseaux de portes programmables sur le terrain (FPGA), des produits de gestion et de contrôle de l'alimentation et d'autres solutions de semi-conducteurs.
Les produits de l'entreprise ont été utilisés dans diverses applications telles que la défense et la sécurité, l'aérospatiale et l'aviation, l'industrie et les communications.
Microsemi était connu pour son expertise dans la technologie des semi-conducteurs et sa capacité à fournir des produits de haute qualité et fiables à ses clients.
En 2018, Microsemi a été acquis par Microchip Technology, un principal fournisseur de produits de microcontrôleur, de signal mixte, analogique et de sécurité.
La marque Microsemi n'est plus utilisée, mais sa technologie et ses produits continuent de faire partie du portefeuille de Microchip.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com