Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HI-7151 Fiches technique (PDF) - Intersil Corporation

HI-7151 Datasheet PDF - Intersil Corporation
No de pièce HI-7151
Télécharger  HI-7151 Télécharger

Taille du fichier   854.28 Kbytes
Page   17 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, High Speed, A/D Converter with Track and Hold

HI-7151 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
HI-7151 Datasheet PDF - Intersil Corporation

No de pièce HI-7151
Télécharger  HI-7151 Click to download

Taille du fichier   854.28 Kbytes
Page   17 Pages
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit, High Speed, A/D Converter with Track and Hold

HI-7151 Fiches technique (HTML) - Intersil Corporation

Back Button HI-7151 Datasheet HTML 1Page - Intersil Corporation HI-7151 Datasheet HTML 2Page - Intersil Corporation HI-7151 Datasheet HTML 3Page - Intersil Corporation HI-7151 Datasheet HTML 4Page - Intersil Corporation HI-7151 Datasheet HTML 5Page - Intersil Corporation HI-7151 Datasheet HTML 6Page - Intersil Corporation HI-7151 Datasheet HTML 7Page - Intersil Corporation HI-7151 Datasheet HTML 8Page - Intersil Corporation HI-7151 Datasheet HTML 9Page - Intersil Corporation HI-7151 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI-7151 Détails du produit

Description
The Intersil HI-7151 is a high speed 10-bit A/D converter which uses a 2-Step Flash algorithm to achieve throughput rates of 100kHz. A unique switched capacitor technique allows a new input voltage to be sampled while a conversion is taking place.

Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . 10µs
• Continuous Throughput Rate. . . . . . . . . . . . . . . 100kHz
• No Offset or Gain Adjustments Necessary
• Internal Track and Hold Amplifier
• Analog and Reference Inputs Fully Buffered
• µP Compatible Byte Organized Outputs
• Low Power Consumption . . . . . . . . . . . . . . . . . .150mW
• Uses a Single 2.5V Reference for ±2.5 V Input Range

Applications
• µP Controlled Data Acquisition Systems
• DSP
    - Avionics
    - Sonar
• Process Control
    - Automotive Transducer Sensing
    - Industrial
• Robotics
• Digital Communications
• Image Processing



Numéro de pièce similaire - HI-7151

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
HI-7153 INTERSIL-HI-7153 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
HI-7159A INTERSIL-HI-7159A Datasheet
210Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
January 1999
logo
Renesas Technology Corp
HI-7159A RENESAS-HI-7159A Datasheet
703Kb / 14P
   Microprocessor-Compatible, 5-1/2 Digit A/D Converter
More results


Description similaire - HI-7151

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results




À propos de Intersil Corporation


Intersil Corporation était une société américaine de semi-conducteurs spécialisée dans la conception et la fabrication de circuits intégrés analogiques et de signaux mixtes à haute performance.
L'entreprise a été fondée en 1967 et était connue pour son expertise en matière de gestion de l'alimentation, de conversion des données et de technologies de radiofréquence (RF).
Les produits d'Intersil ont été utilisés dans un large éventail d'applications telles que l'électronique grand public, l'industrie, les télécommunications et l'aérospatiale et la défense.
En 2016, Intersil a été acquis par Renesas Electronics Corporation, une société de semi-conducteurs japonaise.
La marque et la technologie Intersil continuent d'être développées et vendues dans le cadre du portefeuille de produits de Renesas.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com