Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC74LVX240 Fiches technique (PDF) - ON Semiconductor

MC74LVX240 Datasheet PDF - ON Semiconductor
No de pièce MC74LVX240
Télécharger  MC74LVX240 Télécharger

Taille du fichier   95.65 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Buffer Inverting With 5V?뭈olerant Inputs

MC74LVX240 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
MC74LVX240 Datasheet PDF - ON Semiconductor

No de pièce MC74LVX240
Télécharger  MC74LVX240 Click to download

Taille du fichier   95.65 Kbytes
Page   8 Pages
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Octal Bus Buffer Inverting With 5V?뭈olerant Inputs

MC74LVX240 Fiches technique (HTML) - ON Semiconductor

MC74LVX240 Datasheet HTML 1Page - ON Semiconductor MC74LVX240 Datasheet HTML 2Page - ON Semiconductor MC74LVX240 Datasheet HTML 3Page - ON Semiconductor MC74LVX240 Datasheet HTML 4Page - ON Semiconductor MC74LVX240 Datasheet HTML 5Page - ON Semiconductor MC74LVX240 Datasheet HTML 6Page - ON Semiconductor MC74LVX240 Datasheet HTML 7Page - ON Semiconductor MC74LVX240 Datasheet HTML 8Page - ON Semiconductor

MC74LVX240 Détails du produit

Octal Bus Buffer
Inverting With 5V−Tolerant Inputs

The MC74LVX240 is an advanced high speed CMOS inverting 3−state octal bus buffer and has two active low output enables. It is also designed to work with 3−state memory address drivers, etc. The inputs tolerate voltages up to 7.0 V, allowing the interface of 5.0 V systems to 3.0 V systems.

Features
• High Speed: tPD = 4.3 ns (Typ) at VCC = 3.3 V
• Low Power Dissipation: ICC = 4 μA (Max) at TA = 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Low Noise: VOLP = 0.8 V (Max)
• Pin and Function Compatible with Other Standard Logic Families
• Latchup Performance Exceeds 300 mA
• ESD Performance:
   Human Body Model > 2000 V;
   Machine Model > 200 V
• Pb−Free Packages are Available*




Numéro de pièce similaire - MC74LVX240

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC74LVX240 MOTOROLA-MC74LVX240 Datasheet
158Kb / 6P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
logo
Motorola, Inc
MC74LVX240DT MOTOROLA-MC74LVX240DT Datasheet
158Kb / 6P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX240DTR2G ONSEMI-MC74LVX240DTR2G Datasheet
139Kb / 7P
   Octal Bus Buffer
May, 2011 ??Rev. 3
MC74LVX240DTR2G ONSEMI-MC74LVX240DTR2G Datasheet
134Kb / 7P
   Octal Bus Buffer
February, 2014 ??Rev. 4
More results


Description similaire - MC74LVX240

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC74LVX244 ONSEMI-MC74LVX244 Datasheet
94Kb / 8P
   Octal Bus Buffer With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74LVX126 ONSEMI-MC74LVX126 Datasheet
91Kb / 5P
   Quad Bus Buffe With 5V?뭈olerant Inputs
February, 2005 ??Rev. 2
MC74LVX245 ONSEMI-MC74LVX245 Datasheet
100Kb / 8P
   Octal Bus Transceiver With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX540 ONSEMI-MC74LVX540 Datasheet
104Kb / 8P
   Octal Bus Buffer Inverting
March, 2005 ??Rev. 3
MC74VHC540 ONSEMI-MC74VHC540 Datasheet
206Kb / 8P
   Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
MC74VHCT540A ONSEMI-MC74VHCT540A Datasheet
172Kb / 8P
   Octal Bus Buffer Inverting
1999 REV 0
MC74LCX240 ONSEMI-MC74LCX240_06 Datasheet
91Kb / 7P
   Low?뭋oltage CMOS Octal Buffer With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Inverting)
March, 2006 ??Rev. 7
logo
Toshiba Semiconductor
TC74LCX541F TOSHIBA-TC74LCX541F Datasheet
283Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ541FK TOSHIBA-TC7MZ541FK Datasheet
240Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ244FK TOSHIBA-TC7MZ244FK Datasheet
229Kb / 6P
   LOW-VOLTAGE OCTAL BUS BUFFER WITH 5V TOLERANT INPUTS AND OUTPUTS
More results




À propos de ON Semiconductor


ON Semiconductor est une entreprise cotée en bourse qui conçoit, développe et fabrique une large gamme de produits semi-conducteurs pour une variété d'applications, notamment les marchés automobiles, informatiques, biens de consommation, industriels et communications.
La société a été fondée en 1999 et a son siège à Phoenix, en Arizona.
On Semiconductor offre un large portefeuille de gestion de l'énergie, des semi-conducteurs analogiques et discrets, notamment des MOSFET de puissance, des diodes, des redresseurs, des régulateurs de tension, entre autres.
Les produits de l'entreprise sont conçus pour être économes en énergie, fiables et rentables et sont utilisés dans une variété d'applications, notamment l'électronique portable, les systèmes d'automatisation industrielle, les systèmes d'énergie renouvelable et l'électronique automobile.
On Semiconductor s'engage dans l'innovation et la satisfaction des clients, et s'engage à fournir les meilleures solutions de semi-conducteurs pour répondre aux besoins de nos clients.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.




Lien URL



Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com